Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 157Page - National Semiconductor (TI) PC87364 Datasheet HTML 158Page - National Semiconductor (TI) PC87364 Datasheet HTML 159Page - National Semiconductor (TI) PC87364 Datasheet HTML 160Page - National Semiconductor (TI) PC87364 Datasheet HTML 161Page - National Semiconductor (TI) PC87364 Datasheet HTML 162Page - National Semiconductor (TI) PC87364 Datasheet HTML 163Page - National Semiconductor (TI) PC87364 Datasheet HTML 164Page - National Semiconductor (TI) PC87364 Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 180 page
background image
9.0 Legacy Functional Blocks (Continued)
159
www.national.com
Table 57. Bank 1 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
LBGD(L)
Legacy Baud Generator Divisor (Least Significant Bits)
01h
LBGD(H)
Legacy Baud Generator Divisor (Most Significant Bits)
02h
Reserved
03h
LCR/BSR
Same as Bank 0
04h-
07h
Reserved
Table 58. Bank 2 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
BGD(L)
Baud Generator Divisor Low (Least Significant Bits)
01h
BGD(H)
Baud Generator Divisor High (Most Significant Bits)
02h
EXCR1
BTEST
Reserved
ETDLBK
LOOP
Reserved
EXT_SL
03h
LCR/BSR
Same as Bank 0
04h
EXCR2
LOCK
Reserved
PRESL1
PRESL0
Reserved
05h
Reserved
06h
TXFLV
Reserved
TFL4
TFL3
TFL2
TFL1
TFL0
07h
RXFLV
Reserved
RFL4
RFL3
RFL2
RFL1
RFL0
Table 59. Bank 3 Bitmap
Register
Bits
Offset
Mnemonic
76543210
00h
MRID
Module ID (MID 7-4)
Revision ID(RID 3-0)
01h
SH_LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS1
WLS0
02h
SH_FCR
RXFTH1
RXFTH0
TXFHT1
TXFTH0
Reserved
TXSR
RXSR
FIFO_EN
03h
LCR/BSR
Same as Bank 0
04h-
07h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com