Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 163Page - National Semiconductor (TI) PC87364 Datasheet HTML 164Page - National Semiconductor (TI) PC87364 Datasheet HTML 165Page - National Semiconductor (TI) PC87364 Datasheet HTML 166Page - National Semiconductor (TI) PC87364 Datasheet HTML 167Page - National Semiconductor (TI) PC87364 Datasheet HTML 168Page - National Semiconductor (TI) PC87364 Datasheet HTML 169Page - National Semiconductor (TI) PC87364 Datasheet HTML 170Page - National Semiconductor (TI) PC87364 Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 180 page
background image
10.0 Device Characteristics (Continued)
165
www.national.com
10.1.4
Power Consumption under Recommended Operating Conditions
10.2 DC CHARACTERISTICS OF PINS, BY I/O BUFFER TYPES
The following tables summarize the DC characteristics of all device pins described in the
Signal/Pin Connection and De-
scription chapter. The characteristics describe the general I/O buffer types defined in Table 1. For exceptions, refer to Sec-
tion 10.2.10. The DC characteristics of the system interface meet the PCI2.1 3.3V DC signaling.
10.2.1
Input, CMOS Compatible
Symbol: INC
10.2.2
Input, PCI 3.3V
Symbol: INPCI
Symbol
Parameter
Conditions
Typ
Max
Unit
ICC
VDD Average Main Supply Current
VIL = 0.5 V, VIH = 2.4 V
No Load
32
50
mA
ICCLP
VDD Quiescent Main Supply Current
in Low Power Mode
VIL =VSS,VIH =VDD
No Load
1.3
1.7
mA
ISB
VSB Average Main Supply Current
VIL = 0.5 V, VIH = 2.4 V
No Load
15
mA
ISBLP
VSB Quiescent Main Supply Current
in Low Power Mode
VIL =VSS,VIH =VSB V
No Load
3mA
IBAT
VBAT Battery Supply Current
VDD,VSB =0V,
VBAT =3V
250
nA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.7 VDD 5.5Note 1.
Note 1. Not tested. Guaranteed by design.
V
VIL
Input Low Voltage
−0.5
Note 1.
0.3 VDD
V
IIL
Input Leakage Current
VIN =VDD
50
nA
VIN =VSS
−50
nA
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
Input High Voltage
0.5VDD
VDD + 0.5
V
VIL
Input Low Voltage
-0.5
0.3VDD
V
lIL
Note 1.
Note 1. Input leakage currents include hi-Z output leakage for all bidirectional buffers with TRI-STATE
outputs.
Input Leakage Current
0<Vin <VDD
±10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com