Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87364 Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87364
Description  128-Pin LPC SuperI/O with Extended Wake-Up and Protection Support
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87364 Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC87364 Datasheet HTML 172Page - National Semiconductor (TI) PC87364 Datasheet HTML 173Page - National Semiconductor (TI) PC87364 Datasheet HTML 174Page - National Semiconductor (TI) PC87364 Datasheet HTML 175Page - National Semiconductor (TI) PC87364 Datasheet HTML 176Page - National Semiconductor (TI) PC87364 Datasheet HTML 177Page - National Semiconductor (TI) PC87364 Datasheet HTML 178Page - National Semiconductor (TI) PC87364 Datasheet HTML 179Page - National Semiconductor (TI) PC87364 Datasheet HTML 180Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 178 / 180 page
background image
10.0 Device Characteristics (Continued)
176
www.national.com
10.4.12 Extended Capabilities Port (ECP) Timing
Forward Mode
Reverse Mode
Symbol
Parameter
Min
Max
Unit
tECDSF
Data Setup before STB Active
0ns
tECDHF
Data Hold after BUSY Inactive
0ns
tECLHF
BUSY Active after STB Active
75
ns
tECHHF
STB Inactive after BUSY Active
01
s
tECHLF
BUSY Inactive after STB Active
035
ms
tECLLF
STB Active after BUSY Inactive
0ns
Symbol
Parameter
Min
Max
Unit
tECDSR
Data Setup before ACK Active
0ns
tECDHR
Data Hold after AFD Active
0ns
tECLHR
AFD Inactive after ACK Active
75
ns
tECHHR
ACK Inactive after AFD Inactive
035
ms
tECHLR
AFD Active after ACK Inactive
01
s
tECLLR
ACK Active after AFD Active
0ns
PD7-0
STB
BUSY
tECHHF
tECHLF
tECLLF
tECDSF
tECLHF
tECDHF
AFD
PD7-0
ACK
AFD
tECHHB
tECHLB
tECLLB
tECDSB
tECLHB
tECDHB
BUSY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com