Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 159 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 159 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 155Page - Texas Instruments TMS320DM814X Datasheet HTML 156Page - Texas Instruments TMS320DM814X Datasheet HTML 157Page - Texas Instruments TMS320DM814X Datasheet HTML 158Page - Texas Instruments TMS320DM814X Datasheet HTML 159Page - Texas Instruments TMS320DM814X Datasheet HTML 160Page - Texas Instruments TMS320DM814X Datasheet HTML 161Page - Texas Instruments TMS320DM814X Datasheet HTML 162Page - Texas Instruments TMS320DM814X Datasheet HTML 163Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 4-8. Pins Used in EMAC[0] MII/GMII, RGMII, and RMII Boot Modes (continued)
SIGNAL NAMES
PIN NO.
MII/GMII
TYPE
RGMII
TYPE
RMII
TYPE
H23
EMAC[0]_MTXD[3]
O
DEFAULT
DEFAULT
G23
EMAC[0]_MTXD[4]
O
DEFAULT
DEFAULT
F27
EMAC[0]_MTXD[5]
O
DEFAULT
DEFAULT
J22
EMAC[0]_MTXD[6]
O
DEFAULT
DEFAULT
H24
EMAC[0]_MTXD[7]
O
DEFAULT
DEFAULT
J23
EMAC[0]_MTXEN
O
DEFAULT
DEFAULT
H28
MDCLK
O
MDCLK
O
MDCLK
O
P24
MDIO
I/O
MDIO
I/O
MDIO
I/O
4.2.7
PCIe Bootmode (PCIE_32 and PCIE_64)
Table 4-9 lists the device pins that are configured by the ROM for the PCIe boot mode.
Table 4-9. Pins Used in PCIe Bootmode
SIGNAL NAME
PIN NO.
TYPE
PCIE_TXP0
AD2
O
PCIE_TXN0
AD1
O
PCIE_RXP0
AC2
I
PCIE_RXN0
AC1
I
SERDES_CLKIP
AF1
I
SERDES_CLKN
AF2
I
4.2.8
UART Bootmode
Table 4-10 lists the device pins that are configured by the ROM for the UART boot mode.
Table 4-10. Pins Used in UART Bootmode
SIGNAL NAME
PIN NO.
TYPE
UART0_RXD
AH5
I
UART0_TXD
AG5
O
4.3
Pin Multiplexing Control
Device level pin multiplexing is controlled on a pin-by-pin basis by the MUXMODE bits of the PINCNTL1 –
PINCNTL270 registers in the Control Module.
Pin multiplexing selects which one of several peripheral pin functions controls the pin's I/O buffer output
data values. Table 4-11 shows the peripheral pin functions associated with each MUXMODE setting for all
multiplexed pins. The default pin multiplexing control for almost every pin is to select MUXMODE = 0x0, in
which case the pin's I/O buffer is 3-stated.
In most cases, the input from each pin is routed to all of the peripherals that share the pin, regardless of
the MUXMODE setting. However, in some cases a constant "0" or "1" value is routed to the associated
peripheral when its peripheral function is not selected to control any output pin. For more details on the
De-Selected Input State (DSIS), see the "MUXED" columns of each Terminal Functions table (Section 3.2,
Terminal Functions).
Copyright © 2011–2013, Texas Instruments Incorporated
Device Configurations
159
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com