Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 89 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 85Page - Texas Instruments TMS320DM814X Datasheet HTML 86Page - Texas Instruments TMS320DM814X Datasheet HTML 87Page - Texas Instruments TMS320DM814X Datasheet HTML 88Page - Texas Instruments TMS320DM814X Datasheet HTML 89Page - Texas Instruments TMS320DM814X Datasheet HTML 90Page - Texas Instruments TMS320DM814X Datasheet HTML 91Page - Texas Instruments TMS320DM814X Datasheet HTML 92Page - Texas Instruments TMS320DM814X Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-14. GPMC Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
SD2_DAT[7]/
SD2, GPMC,
GPMC_A[24]/
UART2, GP1
IPU
GPMC_A[20]/
L25
O
PINCNTL113
DVDD_GPMC
UART2_RXD/
DSIS: N/A
GP1[19]
MM: MUX1
GPMC Address 20
SPI[2], GP1
GPMC_A[20]/
IPU
PINCNTL109
SPI[2]_SCS[1]/
AD28
O
DVDD_GPMCB
DSIS: N/A
GP1[15]
MM: MUX0
GPMC_A[19]/
TIMER2, GP1
IPD
TIM3_IO/
AC27
O
PINCNTL108
GPMC Address 19
DVDD_GPMCB
GP1[14]
DSIS: N/A
GPMC_A[18]/
TIMER2, GP1
IPD
TIM2_IO/
AE28
O
PINCNTL107
GPMC Address 18
DVDD_GPMCB
GP1[13]
DSIS: N/A
GP2
GPMC_A[17]/
IPD
V23
O
PINCNTL106
GPMC Address 17
GP2[6]
DVDD_GPMCB
DSIS: N/A
GP2
GPMC_A[16]/
IPD
AD27
O
PINCNTL105
GPMC Address 16
GP2[5]
DVDD_GPMCB
DSIS: N/A
VOUT[1]_R_CR[2]/
VOUT[1], VIN[1]A,
GPMC_A[15]/
HDMI, SPI[2],GP3
VIN[1]A_D[23]/
IPD
AE27
O
PINCNTL230
HDMI_HPDET/
DVDD
DSIS: N/A
SPI[2]_D[1]/
MM: MUX1
GP3[22]
GPMC Address 15
EMAC[0]_MTXEN/
EMAC[0],
EMAC[1]_RGRXD[2]/
EMAC[1], UART1
IPD
EMAC[1]_RMTXEN/
J23
O
PINCNTL258
DVDD_GPMC
GPMC_A[15]/
DSIS: N/A
UART1_RTS
MM: MUX0
VOUT[1]_R_CR[3]/
VOUT[1], VIN[1]A,
GPMC_A[14]/
HDMI, SPI[2],
VIN[1]A_D[22]/
IPU
I2C[2], GP3
HDMI_SDA/
AG28
O
DVDD
PINCNTL229
SPI[2]_SCLK/
DSIS: N/A
I2C[2]_SDA/
MM: MUX1
GPMC Address 14
GP3[21]
EMAC[0]_MTXD[7]/
EMAC[0],
EMAC[1]_RGTXD[3]/
EMAC[1], UART1
IPD
EMAC[1]_RMTXD[1]/
H24
O
PINCNTL257
DVDD_GPMC
GPMC_A[14]/
DSIS: N/A
UART1_CTS
MM: MUX0
VOUT[1]_G_Y_YC[2]/
VOUT[1], VIN[1]A,
GPMC_A[13]/
HDMI, SPI[2],
VIN[1]A_D[21]/
IPU
I2C[2], GP3
HDMI_SCL/
AF27
O
DVDD
PINCNTL228
SPI[2]_SCS[2]/
DSIS: N/A
I2C[2]_SCL/
MM: MUX1
GPMC Address 13
GP3[20]
EMAC[0]_MTXD[6]/
EMAC[0],
EMAC[1]_RGRXD[0]/
EMAC[1], UART1
IPD
EMAC[1]_RMTXD[0]/
J22
O
PINCNTL256
DVDD_GPMC
GPMC_A[13]/
DSIS: N/A
UART1_TXD
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
89
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com