Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 8Page - Texas Instruments TMS320DM814X Datasheet HTML 9Page - Texas Instruments TMS320DM814X Datasheet HTML 10Page - Texas Instruments TMS320DM814X Datasheet HTML 11Page - Texas Instruments TMS320DM814X Datasheet HTML 12Page - Texas Instruments TMS320DM814X Datasheet HTML 13Page - Texas Instruments TMS320DM814X Datasheet HTML 14Page - Texas Instruments TMS320DM814X Datasheet HTML 15Page - Texas Instruments TMS320DM814X Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
2
Device Overview
2.1
Device Comparison
Table 2-1 shows a comparison between devices, highlighting the differences.
Table 2-1. DM814x Device Comparison
DEVICES
FEATURES
TMS320DM8148
TMS320DM8147
SGX530
YES (1)
NONE
2.2
Device Characteristics
Table 2-2 provides an overview of the TMS320DM814x DaVinci™ Digital Media Processors, which
includes significant features of the device, including the capacity of on-chip RAM, peripherals, and the
package type with pin count.
Table 2-2. Characteristics of the Processor
HARDWARE FEATURES
DM814x
1 16-/24-bit HD Capture Port or
2 8-bit SD Capture Ports
and
1 8-bit SD Capture Port
and
1 16-/24-/30-bit HD Display Port or
HD Video Processing Subsystem (HDVPSS)
1 8-/16-/24-bit HD Capture Port
and
1 16-24-bit HD Display Port
and
1 HDMI 1.3 Transmitter
and
2 SD Video DACs
1 Parallel Camera Input for Raw (up to
Imaging Subsystem (ISS)
16-bit)
and BT.656/BT.1120 (8/16-bit)
Peripherals
DDR2/3 Memory Controller
2 (32-bit Bus Widths)
Not all peripherals
pins are available
Asynchronous (8-/16-bit bus width)
GPMC + ELM
at the same time
RAM, NOR, NAND
(for more details,
64 Independent Channels
see the Device
EDMA
8 QDMA Channels
Configurations
section).
10/100/1000 Ethernet MAC Switch with Management Data Input/Output
1 (with 2 MII/RMII/GMII/RGMII
(MDIO)
Interfaces)
2 (Supports High- and Full-Speed as a
Device and
USB 2.0
High-, Full-, and Low-Speed as a Host,
or OTG)
PCI Express 2.0
1 Port (1 5.0GT/s lane)
8 (32-bit General purpose)
Timers
and
1 (System Watchdog)
6 (with SIR, MIR, FIR, CIR support and
UART
RTS/CTS flow control)
(UART0 Supports Modem Interface)
SPI
4 (Supports 4 slave devices)
1 (1-bit or 4-bit or 8-bit modes)
and
MMC/SD/SDIO
1 (8-bit mode) or
2 (1-bit or 4-bit modes)
12
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com