Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 65 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 61Page - Texas Instruments TMS320DM814X Datasheet HTML 62Page - Texas Instruments TMS320DM814X Datasheet HTML 63Page - Texas Instruments TMS320DM814X Datasheet HTML 64Page - Texas Instruments TMS320DM814X Datasheet HTML 65Page - Texas Instruments TMS320DM814X Datasheet HTML 66Page - Texas Instruments TMS320DM814X Datasheet HTML 67Page - Texas Instruments TMS320DM814X Datasheet HTML 68Page - Texas Instruments TMS320DM814X Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_G_Y_YC[4]/
VOUT[1],
EMAC[1]_MRXD[7]/
VIN[1]A, GP3
W22
VIN[1]A_D[9]/
PINCNTL216
GP3[8]
DSIS: PIN
VOUT[1]_G_Y_YC[3]/
VOUT[1],
EMAC[1]_MRXD[6]/
VIN[1]A, GP3
Y23
VIN[1]A_D[8]/
PINCNTL215
GP3[7]
DSIS: PIN
VOUT[1]_B_CB_C[9]/
VOUT[1],
EMAC[1]_MRXD[5]/
VIN[1]A, I2C[3],
VIN[1]A_D[6]/
AA24
GP3
I2C[3]_SDA/
PINCNTL214
GP3[6]
DSIS: PIN
VOUT[1]_B_CB_C[8]/
VOUT[1],
EMAC[1]_MRXD[4]/
VIN[1]A, I2C[3],
VIN[1]A_D[5]/
AH26
GP3
I2C[3]_SCL/
PINCNTL213
GP3[5]
DSIS: PIN
[G]MII Receive Data [7:0]. For 1000 EMAC GMII
IPD
operation, EMAC[0]_RXD[7:0] are used. For 10/100
VOUT[1]_B_CB_C[7]/
VOUT[1],
I
DVDD
EMAC MII operation, only EMAC[0]_RXD[3:0] are
EMAC[1]_MRXD[3]/
VIN[1]A,
used.
VIN[1]A_D[4]/
AC25
UART3, GP3
UART3_TXD/
PINCNTL212
GP3[4]
DSIS: PIN
VOUT[1]_B_CB_C[6]/
VOUT[1],
EMAC[1]_MRXD[2]/
VIN[1]A,
VIN[1]A_D[3]/
AD25
UART3, GP3
UART3_RXD/
PINCNTL211
GP3[3]
DSIS: PIN
VOUT[1]_B_CB_C[5]/
VOUT[1],
EMAC[1]_MRXD[1]/
VIN[1]A,
VIN[1]A_D[2]/
AF25
UART4, GP3
UART4_TXD/
PINCNTL210
GP3[2]
DSIS: PIN
VOUT[1]_B_CB_C[4]/
VOUT[1],
EMAC[1]_MRXD[0]/
VIN[1]A,
VIN[1]A_D[1]/
AG25
UART4, GP3
UART4_RXD/
PINCNTL209
GP3[1]
DSIS: PIN
VOUT[1]_G_Y_YC[5]/
VOUT[1],
EMAC[1]_MRXDV/
IPD
VIN[1]A, GP3
AG26
I
[G]MII Receive Data Valid input
VIN[1]A_D[10]/
DVDD
PINCNTL217
GP3[9]
DSIS: 0
VOUT[1]_AVID/
VOUT[1],
EMAC[1]_MRXER/
VIN[1]A,
VIN[1]A_CLK/
IPD
UART4, TIMER
Y22
I
[G]MII Receive Data Error input
UART4_RTS/
DVDD
6, GP2
TIM6_IO/
PINCNTL207
GP2[31]
DSIS: 0
VOUT[1]_CLK/
VOUT[1],
EMAC[1]_MTCLK/
IPD
VIN[1]A, GP2
AE24
I
[G]MII Transmit Clock input
VIN[1]A_HSYNC/
DVDD
PINCNTL204
GP2[28]
DSIS: 0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
65
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com