Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 28Page - Texas Instruments TMS320DM814X Datasheet HTML 29Page - Texas Instruments TMS320DM814X Datasheet HTML 30Page - Texas Instruments TMS320DM814X Datasheet HTML 31Page - Texas Instruments TMS320DM814X Datasheet HTML 32Page - Texas Instruments TMS320DM814X Datasheet HTML 33Page - Texas Instruments TMS320DM814X Datasheet HTML 34Page - Texas Instruments TMS320DM814X Datasheet HTML 35Page - Texas Instruments TMS320DM814X Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 2-7. L4 Slow Peripheral Memory Map (continued)
Cortex-A8 and L3 Masters
C674x DSP
START
SIZE
DEVICE NAME
END ADDRESS
START
END ADDRESS
ADDRESS
(HEX)
ADDRESS (HEX)
(HEX)
(HEX)
0x4818_3000
0x4818_3FFF
0x0818_3000
0x0818_3FFF
4KB
PRCM Support Registers
(C674x DSP Restricted to only
exposed peripherals)
0x4818_4000
0x4818_7FFF
0x0818_4000
0x0818_7FFF
16KB
Reserved
0X4818_8000
0X4818_BFFF
0x0818_8000
0x0818_BFFF
16KB
Reserved
0x4818_C000
0x4818_CFFF
4KB
OCP Watchpoint Peripheral Registers
0x4818_D000
0x4818_DFFF
4KB
OCP Watchpoint Support Registers
0x4818_E000
0x4818_EFFF
0x0818_E000
0x0818_EFFF
4KB
Reserved
0x4818_F000
0x4818_FFFF
0x0818_F000
0x0818_FFFF
4KB
Reserved
0x4819_0000
0x4819_3FFF
0x0819_0000
0x0819_3FFF
16KB
Reserved
0x4819_4000
0x4819_BFFF
0x0819_4000
0x0819_BFFF
32KB
Reserved
0x4819_C000
0x481F_FFFF
0x0819_C000
0x081F_FFFF
400KB
Reserved
0x4819_C000
0x4819_CFFF
0x0819_C000
0x0819_CFFF
4KB
I2C2 Peripheral Registers
0x4819_D000
0x4819_DFFF
0x0819_D000
0x0819_DFFF
4KB
I2C2 Support Registers
0x4819_E000
0x4819_EFFF
0x0819_E000
0x0819_EFFF
4KB
I2C3 Peripheral Registers
0x4819_F000
0x4819_FFFF
0x0819_F000
0x0819_FFFF
4KB
I2C3 Support Registers
0x481A_0000
0x481A_0FFF
0x081A_0000
0x081A_0FFF
4KB
SPI1 Peripheral Registers
0x481A_1000
0x481A_1FFF
0x081A_1000
0x081A_1FFF
4KB
SPI1 Support Registers
0x481A_2000
0x481A_2FFF
0x081A_2000
0x081A_2FFF
4KB
SPI2 Peripheral Registers
0x481A_3000
0x481A_3FFF
0x081A_3000
0x081A_3FFF
4KB
SPI2 Support Registers
0x481A_4000
0x481A_4FFF
0x081A_4000
0x081A_4FFF
4KB
SPI3 Peripheral Registers
0x481A_5000
0x481A_5FFF
0x081A_5000
0x081A_5FFF
4KB
SPI3 Support Registers
0x481A_6000
0x481A_6FFF
0x081A_6000
0x081A_6FFF
4KB
UART3 Peripheral Registers
0x481A_7000
0x481A_7FFF
0x081A_7000
0x081A_7FFF
4KB
UART3 Support Registers
0x481A_8000
0x481A_8FFF
0x081A_8000
0x081A_8FFF
4KB
UART4 Peripheral Registers
0x481A_9000
0x481A_9FFF
0x081A_9000
0x081A_9FFF
4KB
UART4 Support Registers
0x481A_A000
0x481A_AFFF
0x081A_A000
0x081A_AFFF
4KB
UART5 Peripheral Registers
0x481A_B000
0x481A_BFFF
0x081A_B000
0x081A_BFFF
4KB
UART5 Support Registers
0x481A_C000
0x481A_CFFF
0x081A_C000
0x081A_CFFF
4KB
GPIO2 Peripheral Registers
0x481A_D000
0x481A_DFFF
0x081A_D000
0x081A_DFFF
4KB
GPIO2 Support Registers
0x481A_E000
0x481A_EFFF
0x081A_E000
0x081A_EFFF
4KB
GPIO3 Peripheral Registers
0x481A_F000
0x481A_FFFF
0x081A_F000
0x081A_FFFF
4KB
GPIO3 Support Registers
0x481B_0000
0x481B_FFFF
0x081B_0000
0x081B_FFFF
64KB
Reserved
0x481C_0000
0x481C_0FFF
0x081C_0000
0x081C_0FFF
4KB
Reserved
0x481C_1000
0x481C_1FFF
0x081C_1000
0x081C_1FFF
4KB
TIMER8 Peripheral Registers
0x481C_2000
0x481C_2FFF
0x081C_2000
0x081C_2FFF
4KB
TIMER8 Support Registers
0x481C_3000
0x481C_3FFF
4KB
SYNCTIMER32K Peripheral Registers
0x481C_4000
0x481C_4FFF
4KB
SYNCTIMER32K Support Registers
0x481C_5000
0x481C_5FFF
4KB
PLLSS Peripheral Registers
0x481C_6000
0x481C_6FFF
4KB
PLLSS
0x481C_7000
0x481C_7FFF
4KB
WDT0 Peripheral Registers
0x481C_8000
0x481C_8FFF
4KB
WDT0 Support Registers
0x481C_9000
0x481C_9FFF
0x081C_9000
0x081C_9FFF
8KB
Reserved
0x481C_A000
0x481C_BFFF
0x081C_A000
0x081C_BFFF
8KB
Reserved
0x481C_C000
0x481C_DFFF
8KB
DCAN0 Peripheral Registers
32
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com