Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 58Page - Texas Instruments TMS320DM814X Datasheet HTML 59Page - Texas Instruments TMS320DM814X Datasheet HTML 60Page - Texas Instruments TMS320DM814X Datasheet HTML 61Page - Texas Instruments TMS320DM814X Datasheet HTML 62Page - Texas Instruments TMS320DM814X Datasheet HTML 63Page - Texas Instruments TMS320DM814X Datasheet HTML 64Page - Texas Instruments TMS320DM814X Datasheet HTML 65Page - Texas Instruments TMS320DM814X Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-7. EMAC[0] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MRCLK/
EMAC[0],
EMAC[0]_RGTXC/
VIN[1]B, SPI[3],
VIN[1]B_D[4]/
IPD
H27
I
GP3
RMII Carrier Sense input
EMAC[0]_RMCRSDV/
DVDD_GPMC
PINCNTL239
SPI[3]_SCS[2]/
DSIS: 0
GP3[27]
EMAC[0]_MCRS/
EMAC[0],
EMAC[0]_RGRXD[2]/
VIN[1]B, SPI[3],
IPD
VIN[1]B_D[2]/
R25
I
GPI3
DVDD_GPMC
EMAC[0]_RMRXD[1]/
PINCNTL237
GP3[25]
DSIS: PIN
RMII Receive Data [1:0]. For 10/100 EMAC RMII
operation, EMAC[0]_RMRXD[1:0] are used.
EMAC[0]_MCOL/
EMAC[0],
EMAC[0]_RGRXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[1]/
L23
I
DVDD_GPMC
PINCNTL236
EMAC[0]_RMRXD[0]/
DSIS: PIN
GP3[24]
EMAC[0]_MRXER/
EMAC[0],
EMAC[0]_RGTXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[3]/
J26
I
RMII Receive Data Error input
DVDD_GPMC
PINCNTL238
EMAC[0]_RMRXER/
DSIS: 0
GP3[26]
EMAC[0]_MRXD[1]/
EMAC[0],
EMAC[0]_RGRXD[0]/
IPD
VIN[1]B, GP3
VIN[1]B_D[6]/
P23
O
DVDD_GPMC
PINCNTL241
EMAC[0]_RMTXD[1]/
DSIS: N/A
GP3[29]
RMII Transmit Data [7:0]. For 10/100 EMAC RMII
operation, EMAC[0]_RMTXD[1:0] are used.
EMAC[0]_MRXD[0]/
EMAC[0],
EMAC[0]_RGTXD[0]/
IPD
VIN[1]B, GP3
VIN[1]B_D[5]/
G28
O
DVDD_GPMC
PINCNTL240
EMAC[0]_RMTXD[0]/
DSIS: N/A
GP3[28]
EMAC[0]_MRXD[2]/
EMAC[0],
EMAC[0]_RGRXD[1]/
IPD
VIN[1]B, GP3
VIN[1]B_D[7]/
R23
O
RMII Transmit Data Enable output
DVDD_GPMC
PINCNTL242
EMAC[0]_RMTXEN/
DSIS: N/A
GP3[30]
EMAC[0] RGMII Mode
An EMAC bootmode must be selected via the BTMODE[4:0] pins. Once the EMAC bootmode is selected, the BTMODE[9:8] pins determine
the Ethernet PHY Mode Selection (for example, 10b is RGMII mode). For more detailed information on EMAC bootmodes and Ethernet
PHY Mode selection, see Section 4.2.6, Ethernet PHY Mode Selection
These pin functions are available only when RGMII mode is selected.
EMAC[0]_MTCLK/
EMAC[0],
EMAC[0]_RGRXC/
VIN[1]B, SPI[3],
VIN[1]B_D[0]/
IPD
L24
I
I2C[2], GP3
RGMII Receive Clock
SPI[3]_SCS[3]/
DVDD_GPMC
PINCNTL235
I2C[2]_SDA/
DSIS: PIN
GP3[23]
EMAC[0]_MCOL/
EMAC[0],
EMAC[0]_RGRXCTL/
IPD
VIN[1]B, GP3
VIN[1]B_D[1]/
L23
I
RGMII Receive Control
DVDD_GPMC
PINCNTL236
EMAC[0]_RMRXD[0]/
DSIS: PIN
GP3[24]
62
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com