Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 66 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 66 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 62Page - Texas Instruments TMS320DM814X Datasheet HTML 63Page - Texas Instruments TMS320DM814X Datasheet HTML 64Page - Texas Instruments TMS320DM814X Datasheet HTML 65Page - Texas Instruments TMS320DM814X Datasheet HTML 66Page - Texas Instruments TMS320DM814X Datasheet HTML 67Page - Texas Instruments TMS320DM814X Datasheet HTML 68Page - Texas Instruments TMS320DM814X Datasheet HTML 69Page - Texas Instruments TMS320DM814X Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_R_CR[8]/
VOUT[1],
EMAC[1]_MTXD[7]/
VIN[1]A,
VIN[1]A_D[19]/
W23
UART5, GP3
UART5_RXD/
PINCNTL226
GP3[18]
DSIS: N/A
VOUT[1]_R_CR[7]/
VOUT[1],
EMAC[1]_MTXD[6]/
VIN[1]A, SPI[3],
VIN[1]A_D[18]/
V22
GP3
SPI[3]_D[0]/
PINCNTL225
GP3[17]
DSIS: N/A
VOUT[1]_R_CR[6]/
VOUT[1],
EMAC[1]_MTXD[5]/
VIN[1]A, SPI[3],
VIN[1]A_D[17]/
AA25
GP3
SPI[3]_D[1]/
PINCNTL224
GP3[16]
DSIS: N/A
VOUT[1]_R_CR[5]/
VOUT[1],
EMAC[1]_MTXD[4]/
VIN[1]A, SPI[3],
[G]MII Transmit Data [7:0]. For 1000 EMAC GMII
VIN[1]A_D[16]/
AC26
GP3
IPD
operation, EMAC[0]_TXD[7:0] are used. For 10/100
SPI[3]_SCLK/
PINCNTL223
O
DVDD
EMAC MII operation, only EMAC[0]_TXD[3:0] are
GP3[15]
DSIS: N/A
used.
VOUT[1]_R_CR[4]/
VOUT[1],
EMAC]1]_MTXD[3]/
VIN[1]A, SPI[3],
VIN]1]A_D[15]/
AG27
GP3
SPI[3]_SCS[1]/
PINCNTL222
GP3[14]
DSIS: N/A
VOUT[1]_G_Y_YC[9]/
VOUT[1],
EMAC[1]_MTXD[2]/
VIN[1]A, GP3
AD26
VIN[1]A_D[14]/
PINCNTL221
GP3[13]
DSIS: N/A
VOUT[1]_G_Y_YC[8]/
VOUT[1],
EMAC[1]_MTXD[1]/
VIN[1]A, GP3
AE26
VIN[1]A_D[13]/
PINCNTL220
GP3[12]
DSIS: N/A
VOUT[1]_G_Y_YC[7]/
VOUT[1],
EMAC[1]_MTXD[0]/
VIN[1]A, GP3
AF26
VIN[1]A_D[12]/
PINCNTL219
GP3[11]
DSIS: N/A
VOUT[1]_R_CR[9]/
VOUT[1],
EMAC[1]_MTXEN/
VIN[1]A,
IPD
VIN[1]A_D[20]/
Y24
O
UART5, GP3
[G]MII Transmit Data Enable output
DVDD
UART5_TXD/
PINCNTL227
GP3[19]
DSIS: N/A
EMAC[1] RMII Mode
An EMAC bootmode must be selected via the BTMODE[4:0] pins. Once the EMAC bootmode is selected, the BTMODE[9:8] pins determine
the Ethernet PHY Mode Selection (for example, 01b is RMII mode). For more detailed information on EMAC bootmodes and Ethernet PHY
Mode selection, see Section 4.2.6, Ethernet PHY Mode Selection.
These pin functions are available only when RMII mode is selected.
EMAC_RMREFCLK/
TIMER2, GP1
IPD
RMII Reference Clock (EMAC[0] and EMAC[1] RMII
TIM2_IO/
J27
I/O
PINCNTL232
DVDD_GPMC
mode)
GP1[10]
DSIS: PIN
66
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com