Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 67 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 67 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 63Page - Texas Instruments TMS320DM814X Datasheet HTML 64Page - Texas Instruments TMS320DM814X Datasheet HTML 65Page - Texas Instruments TMS320DM814X Datasheet HTML 66Page - Texas Instruments TMS320DM814X Datasheet HTML 67Page - Texas Instruments TMS320DM814X Datasheet HTML 68Page - Texas Instruments TMS320DM814X Datasheet HTML 69Page - Texas Instruments TMS320DM814X Datasheet HTML 70Page - Texas Instruments TMS320DM814X Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VIN[0]A,
VIN[0]A_D[20]/
CAMERA_I/F,
CAM_D[12]/
IPD
SPI[3], GP0
EMAC[1]_RMCRSDV/
AC17
I
DVDD_C
PINCNTL160
SPI[3]_SCS[0]/
DSIS: 0
GP0[14]
MM: MUX1
RMII Carrier Sense input
EMAC[0],
EMAC[0]_MTXD[5]/
EMAC[1],
EMAC[1]_RGTXC/
IPD
GPMC, UART1
EMAC[1]_RMCRSDV/
F27
I
DVDD_GPMC
PINCNTL255
GPMC_A[12]/
DSIS: 0
UART1_RXD
MM: MUX0
VIN[0]A,
VIN[0]A_D[18]/
CAMERA_I/F,
CAM_D[10]/
IPU
I2C[3], GP0
EMAC[1]_RMRXD[1]/
AF20
I
DVDD_C
PINCNTL158
I2C[3]_SCL/
DSIS: PIN
GP0[12]
MM: MUX1
EMAC[0],
EMAC[0]_MTXD[3]/
EMAC[1],
EMAC[1]_RGTXD[0]/
IPD
GPMC, UART4
EMAC[1]_RMRXD[1]/
H23
I
DVDD_GPMC
PINCNTL253
GPMC_A[10]/
DSIS: PIN
UART4_CTS
MM: MUX0
RMII Receive Data [1:0].
VIN[0]A,
VIN[0]A_D[19]/
CAMERA_I/F,
CAM_D[11]/
IPU
I2C[3], GP0
EMAC[1]_RMRXD[0]/
AF21
I
DVDD_C
PINCNTL159
I2C[3]_SDA/
DSIS: PIN
GP0[13]
MM: MUX1
EMAC[0],
EMAC[0]_MTXD[2]/
EMAC[1],
EMAC[1]_RGTXCTL/
IPD
GPMC, UART4
EMAC[1]_RMRXD[0]/
H22
I
DVDD_GPMC
PINCNTL252
GPMC_A[9]/
DSIS: PIN
UART4_TXD
MM: MUX0
VIN[0]A,
VIN[0]A_D[17]/
CAMERA_I/F,
CAM_D[9]/
IPD
SPI[3], GP0
AB21
I
EMAC[1]_RMRXER/
DVDD_C
PINCNTL157
GP0[11]
DSIS: 0
MM: MUX1
RMII Receive Data Error input
EMAC[0],
EMAC[0]_MTXD[4]/
EMAC[1],
EMAC[1]_RGTXD[2]/
IPD
GPMC, UART1
EMAC[1]_RMRXER/
G23
I
DVDD_GPMC
PINCNTL254
GPMC_A[11]/
DSIS: 0
UART4_RTS
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
67
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com