Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 6Page - Texas Instruments TMS320DM814X Datasheet HTML 7Page - Texas Instruments TMS320DM814X Datasheet HTML 8Page - Texas Instruments TMS320DM814X Datasheet HTML 9Page - Texas Instruments TMS320DM814X Datasheet HTML 10Page - Texas Instruments TMS320DM814X Datasheet HTML 11Page - Texas Instruments TMS320DM814X Datasheet HTML 12Page - Texas Instruments TMS320DM814X Datasheet HTML 13Page - Texas Instruments TMS320DM814X Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 7.4.1.1, Using the Internal Oscillators:
Table 7-11, Requirements for Crystal Circuit on the Device Oscillator (DEVOSC):
•
Added three conditions and the MAX values to the Crystal Frequency Stability PARAMETER
Table 7-15, Timing Requirements for DEVOSC_MXI/DEV_CLKIN
•
Added three conditions and the MAX values to the Frequency Stability PARAMETER
Section 7.4.3, AUD_CLKINx Input Clocks:
•
Added section [New]
Section 7.4
Clocking
Section 7.4.4, CLKIN32 Input Clock:
•
Added "/8" to the TIMER1/2/3/4/5/6/7 bullet
Section 7.4.7, Input/Output Clocks Electrical Data/Timing:
•
Added Table 7-17, Timing Requirements for AUD_CLKINx [New]
•
Added Figure 7-14, AUD_CLKINx Timing [New]
Section 7.4.8, PLLs:
•
Deleted PLL Electrical Data/Timing subsection
Table 7-26, Maximum SYSCLK Clock Frequencies:
Section 7.4.9
SYSCLKs
•
Added footnote, "The maximum frequencies listed..."
Table 7-27, Maximum Module Clock Frequencies:
•
Updated/Changed Media Controller CLOCK SOURCES from "PLL_MEDIACTL" to
Section 7.4.10
"PLL_MEDIACTL/2"
Module Clocks
•
Updated/Changed Media Controller MAX FREQUENCY OPP100 (MHz) value from "400" to "200"
•
Added footnote, "The maximum frequencies listed..."
Section 8.4.1, EDMA Channel Synchronization Events:
•
Updated/Changed paragraphs
Section 8.4
Section 8.4.2, EDMA Peripheral Register Descriptions:
EDMA
•
Added Table 8-5, EDMA Channel Controller (EDMA TPCC) Control Registers
•
Added Table 8-6, EDMA Transfer Controller (EDMA TPTC) Control Registers
Table 8-8, JTAG ID Register Table:
Section 8.5.3
IEEE 1149.1 JTAG
•
Added silicon-revision specific information to the VARIANT bit field
Section 8.6.2.3
EMAC RGMII Electrical
•
Updated/Changed all instances of "at DSP" to "at device"
Data/Timing
Table 8-42, Timing Requirements for HDVPSS Input:
Section 8.10.1
HDVPSS Electrical
•
Deleted NO. 7, tt(CLK), Transition time, VIN[x]A_CLK (10%-90%)
Data/Timing
•
Deleted NO. 7, tt(CLK), Transition time, VIN[x]B_CLK (10%-90%)
Table 8-53, Switching Characteristics Over Recommended Operating Conditions for DDR2/DDR3
Section 8.13.4,
Memory Controller:
DDR2/DDR3 Memory
•
Updated/Changed NO. 1, tc(DDR_CLK) , Cycle time, DDR[x]_CLK, DDR2/DDR3 mode to DDR2
Controller Electrical
mode
Data/Timing
•
Added additional row to NO.1, tc(DDR_CLK), Cycle time, DDR[x]_CLK: DDR3 mode
Section 8.13.4.1.1.1, DDR2 Interface Schematic:
•
Updated/Changed the sentence from, "... pins by pulling the non-inverted DQS pin..." to "...
Section 8.13.4.1
DDR[x]_DQS[n] pins to the corresponding..."
DDR2 Routing
Specifications
•
Updated/Changed a sentence from, "... inverted DQS pin..." to "... DDR[x]_DQS[n] pins..."
•
Added sentence, "The DVDD_DDR[x] and VREFSSTL_DDR[x] power..."
Section 8.13.4.1.2
Table 8-63, CK and ADDR_CTRL Routing Specification:
DDR2 CK and
•
Updated/Changed the "Series terminator,...the DSP" footnote to "Series terminator,..the processor"
ADDR_CTRL Routing
Section 8.13.4.2.4, DDR3 Interface Schematic:
•
Combined 16-Bit and 32-Bit DDR3 Interface subsections
Section 8.13.4.2
DDR3 Routing
•
Deleted repeated figure references
Specifications
•
Deleted the sentence, "and the unused DQS......pulled to ground via 1-k
Ω resistors."
•
Added sentence, "The DVDD_DDR[x] and VREFSSTL_DDR[x]..."
10
Contents
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com