Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 39Page - Texas Instruments TMS320DM814X Datasheet HTML 40Page - Texas Instruments TMS320DM814X Datasheet HTML 41Page - Texas Instruments TMS320DM814X Datasheet HTML 42Page - Texas Instruments TMS320DM814X Datasheet HTML 43Page - Texas Instruments TMS320DM814X Datasheet HTML 44Page - Texas Instruments TMS320DM814X Datasheet HTML 45Page - Texas Instruments TMS320DM814X Datasheet HTML 46Page - Texas Instruments TMS320DM814X Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
3.2
Terminal Functions
The terminal functions tables identify the external signal names and their pin multiplexing, the associated
pin (ball) numbers along with the mechanical package designator, the pin type (for example, I, O, Z, S, A,
or GND), whether the pin has any internal pullup or pulldown resistors (for example, IPU, IPD, or DIS), the
supply voltage source, and describe the function or functions on the pin. The MUXED column in the tables
also identifies all peripheral pin functions multiplexed on a pin, the pin control register (PINCNTLx) that
controls which peripheral pin function is selected for that particular pin, and indicates the state driven on
the peripheral input (logic 0, logic 1, or PIN level) when the peripheral pin function is not selected (that is,
the de-selected input state [DSIS]), and the Multi-Muxed [MM] option for that peripheral pin function). For
more detailed information on device configuration, boot mode order, peripheral selection, and
multiplexed/shared pin control, and so on, see Section 4, Device Configurations of this data manual.
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
43
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com