Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 12Page - Texas Instruments TMS320DM814X Datasheet HTML 13Page - Texas Instruments TMS320DM814X Datasheet HTML 14Page - Texas Instruments TMS320DM814X Datasheet HTML 15Page - Texas Instruments TMS320DM814X Datasheet HTML 16Page - Texas Instruments TMS320DM814X Datasheet HTML 17Page - Texas Instruments TMS320DM814X Datasheet HTML 18Page - Texas Instruments TMS320DM814X Datasheet HTML 19Page - Texas Instruments TMS320DM814X Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 377 page
background image
Instruction Fetch
C674x
Fixed/Floating Point CPU
Register
File A
Register
File B
Cache Control
Memory Protect
Bandwidth Mgmt
L1P
256
Cache Control
Memory Protect
Bandwidth Mgmt
L1D
64
64
8 x 32
32K Bytes
L1D RAM/
Cache
32K Bytes
L1P RAM/
Cache
w/EDC
256
Cache Control
Memory Protect
Bandwidth Mgmt
L2
256K Bytes
L2 RAM
w/ ECC
256
HDVICP2 Host
SL2 Port
256
CFG
MDMA
SDMA
EMC
Power Down
Interrupt
Controller
IDMA
256
256
256
256
256
128
L3 (Fast)
Interconnect
128
32
L3 (Fast)
Interconnect
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
2.5
C674x™ DSP Overview
The DSP Subsystem includes the following features:
•
C674x DSP CPU
•
32KB L1 Program (L1P)/Cache (up to 32KB) with Error Detection Circuitry (EDC)
•
32KB L1 Data (L1D)/Cache (up to 32KB)
•
256KB Unified Mapped RAM/Cache (L2) with Error Correction Circuitry (ECC)
•
Direct Connection to the HDVICP2 Host SL2 Port
•
Little Endian
Figure 2-2. C674x Megamodule Block Diagram
16
Device Overview
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com