Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 5Page - Texas Instruments TMS320DM814X Datasheet HTML 6Page - Texas Instruments TMS320DM814X Datasheet HTML 7Page - Texas Instruments TMS320DM814X Datasheet HTML 8Page - Texas Instruments TMS320DM814X Datasheet HTML 9Page - Texas Instruments TMS320DM814X Datasheet HTML 10Page - Texas Instruments TMS320DM814X Datasheet HTML 11Page - Texas Instruments TMS320DM814X Datasheet HTML 12Page - Texas Instruments TMS320DM814X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 4.3, Pin Multiplexing Control:
•
Updated/Changed bit 18 from "RSV" to "RXACTIVE"
Table 4-11, PINCNTL1 – PINCNTL270 (PINCNTLx) Registers Bit Descriptions:
•
Updated/Changed the MUXMODE[7:0] Description from "Values other than those ..." to "A value
of zero results ..."
•
Updated/Changed bit 18 description to now support RXACTIVE
Section 4
Device Configurations
Table 4-13, PINCNTLx Registers MUXMODE Functions:
•
Updated/Changed PINCNTL173 row under 0x20 from "UART2_TXD(M1)" to "UART2_TXD(M0)"
•
Updated/Changed PINCNTL231 under 0x80 from "GP3[30](M0)" to "GP3[30](M1)"
Section 4.4, Handling Unused Pins:
•
Added "Unless otherwise noted" to the beginning of, "All supply pins must always ..."
Section 6.1, Absolute Maximum Ratings:
•
Deleted the "V I/O...(Transient Overshoot/Undershoot)" rows of Input and Output voltage ranges
Section 6
•
Added Latch-Up Performance row and Latch-Up footnotes
Device Operating
•
Updated/Changed ESD-HBM footnote to "Level listed is passing level per ANSI/ESDA/JEDEC J5-
Conditions
001..."
•
Updated/Changed ESD-CDM footnote to "Level listed is passing level per EIA-JEDEC JESD22-
C101E..."
Section 6.3, Power on Hours (POH):
•
Added Power-On Hour (POH) section [New]
Section 7.2.2.1
Table 7-5, Supported OPP Combinations:
Dynamic Voltage
Frequency Scaling
•
Deleted lower-end OPP combinations supported for ARM, DSP, and HDVICP2
(DVFS)
Table 7-6 , Power-Up Sequence Ramping Values:
•
Added NO. 1 MIN value of "0" ms.
•
Updated/Changed NO. 1 description to "1.8 V and DVDD_DDR[x] supplies stable..."
Section 7.2.8.1
•
Added NO. 13, "CVDD variable supply ramp...."
Power-Up Sequence
•
Updated/Changed Figure 7-1 according to table changes
•
Deleted 3.3 V Supplies Rising Before 1.8 V Supplies Delta Figure (was Figure 7.2) and associated
footnote references
•
Deleted footnote, "The 3.3 V supplies must be..."
Section 7.2.8.2, Power-Down Sequence:
•
Added, "Ramping down all supplies at the same time...For proper device..." paragraph
Table 7-7, Power-Down Sequence Ramping Values:
•
Updated/Changed "The 1.5-/1.8-V DVDD_DDR[x]..." footnote
•
Updated/Changed figure reference to Figure 7-3
Section 7.2.8.2
•
Added NO. 14, "CVDD_x variable supplies ramp-down..."
Power-Down Sequence
•
Added associated footnote, "CVDD_x must never exceed CVDD by more than 150mV"
Figure 7-2, Power-Down Sequence:
•
Updated/Changed figure according to table changes
Figure 7-3,1.8 V Supplies Falling Before 3.3 V Supplies Delta:
•
Added figure [New]
Copyright © 2011–2013, Texas Instruments Incorporated
Contents
9
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com