Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 93Page - Texas Instruments TMS320DM814X Datasheet HTML 94Page - Texas Instruments TMS320DM814X Datasheet HTML 95Page - Texas Instruments TMS320DM814X Datasheet HTML 96Page - Texas Instruments TMS320DM814X Datasheet HTML 97Page - Texas Instruments TMS320DM814X Datasheet HTML 98Page - Texas Instruments TMS320DM814X Datasheet HTML 99Page - Texas Instruments TMS320DM814X Datasheet HTML 100Page - Texas Instruments TMS320DM814X Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-16. I2C Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
EMAC[0]_MTCLK/
EMAC[0], VIN[1]B, SPI[3],
EMAC[0]_RGRXC/
GP3
VIN[1]B_D[0]/
IPD
L24
I/O
PINCNTL235
SPI[3]_SCS[3]/
DVDD_GPMC
DSIS: 1
I2C[2]_SDA/
MM: MUX3
GP3[23]
VOUT[1]_R_CR[3]/
GPMC_A[14]/
VOUT[1], GPMC, VIN[1]A,
VIN[1]A_D[22]/
HDMI, SPI[2], GP3
IPU
HDMI_SDA/
AG28
I/O
PINCNTL229
DVDD
SPI[2]_SCLK/
DSIS: 1
I2C[2] Data I/O. For proper device operation in
I2C[2]_SDA/
MM: MUX2
I2C mode, this pin must be pulled up via
GP3[21]
external resistor.
VIN[0]A_DE/
VIN[0]A, VIN[0]B, UART5,
VIN[0]B_HSYNC/
GP2
IPU
UART5_TXD/
AE21
I/O
PINCNTL135
DVDD
I2C[2]_SDA/
DSIS: 1
GP2[0]
MM: MUX1
UART0_DSR/
UART0, UART3, SPI[0],
UART3_TXD/
SD1, GP1
SPI[0]_SCS[2]/
IPU
AG4
I/O
PINCNTL75
I2C[2]_SDA/
DVDD
DSIS: 1
SD1_SDWP/
MM: MUX0
GP1[3]
I2C3
VOUT[1]_B_CB_C[8]/
VOUT[1], EMAC[1],
EMAC[1]_MRXD[4]/
VIN[1]A, GP3
IPD
VIN[1]A_D[5]/
AH26
I/O
PINCNTL213
DVDD
I2C[3]_SCL/
DSIS: 1
GP3[5]
MM: MUX3
VIN[0]A_D[18]/
VIN[0]A, CAM I/F,
CAM_D[10]/
EMAC[1], GP0
IPU
EMAC[1]_RMRXD[1]/
AF20
I/O
PINCNTL158
DVDD_C
I2C3 Clock I/O. For proper device operation in
I2C[3]_SCL/
DSIS: 1
I2C mode, this pin must be pulled up via
GP0[12]
MM: MUX2
external resistor.
DCAN0_RX/
DCAN0, UART2, GP1
UART2_RXD/
IPU
PINCNTL69
AG6
I/O
I2C[3]_SCL/
DVDD
DSIS: 1
GP1[1]
MM: MUX1
MCA[0]
MCA[0]_AXR[1]/
IPU
PINCNTL22
J1
I/O
I2C[3]_SCL
DVDD
DSIS: 1
MM: MUX0
VOUT[1]_B_CB_C[9]/
VOUT[1], EMAC[1],
EMAC[1]_MRXD[5]/
VIN[1]A, GP3
IPD
VIN[1]A_D[6]/
AA24
I/O
PINCNTL214
DVDD
I2C[3]_SDA/
DSIS: 1
GP3[6]
MM: MUX3
VIN[0]A_D[19]/
VIN[0]A, CAM I/F,
CAM_D[11]/
EMAC[1], GP0
IPU
EMAC[1]_RMRXD[0]/
AF21
I/O
PINCNTL159
DVDD_C
I2C3 Data I/O. For proper device operation in
I2C[3]_SDA/
DSIS: 1
I2C mode, this pin must be pulled up via
GP0[13]
MM: MUX2
external resistor.
DCAN0_TX/
DCAN0, UART2, GP1
UART2_TXD/
IPU
PINCNTL68
AH6
I/O
I2C[3]_SDA/
DVDD
DSIS: 1
GP1[0]
MM: MUX1
MCA[0]
MCA[0]_AXR[2]/
IPU
PINCNTL23
L4
I/O
I2C[3]_SDA
DVDD
DSIS: 1
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
97
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com