Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 81 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 81 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 77Page - Texas Instruments TMS320DM814X Datasheet HTML 78Page - Texas Instruments TMS320DM814X Datasheet HTML 79Page - Texas Instruments TMS320DM814X Datasheet HTML 80Page - Texas Instruments TMS320DM814X Datasheet HTML 81Page - Texas Instruments TMS320DM814X Datasheet HTML 82Page - Texas Instruments TMS320DM814X Datasheet HTML 83Page - Texas Instruments TMS320DM814X Datasheet HTML 84Page - Texas Instruments TMS320DM814X Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-12. GP2 Terminal Functions (continued)
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
VIN[0]AB,
VIN[0]A_D[14]_BD[6]/
IPD
CAMERA_I/F
CAM_STROBE/
AC12
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 19
DVDD
PINCNTL154
GP2[19]
DSIS: PIN
VIN[0]AB,
VIN[0]A_D[13]_BD[5]/
IPD
CAMERA_I/F
CAM_RESET/
AF17
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 18
DVDD
PINCNTL153
GP2[18]
DSIS: PIN
VIN[0]AB,
VIN[0]A_D[12]_BD[4]/
IPD
CLKOUT1
CLKOUT1/
AG17
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 17
DVDD
PINCNTL152
GP2[17]
DSIS: PIN
VIN[0]AB,
VIN[0]A_D[11]_BD[3]/
IPD
CAMERA_I/F
CAM_WE/
AH17
I/O
General-Purpose Input/Output (I/O) 2 [GP2] pin 16
DVDD
PINCNTL151
GP2[16]
DSIS: PIN
VIN[0]AB
VIN[0]A_D[10]_BD[2]/
IPD
AH9
I/O
PINCNTL150
General-Purpose Input/Output (I/O) 2 [GP2] pin 15
GP2[15]
DVDD
DSIS: PIN
VIN[0]AB
VIN[0]A_D[9]_BD[1]/
IPD
AG9
I/O
PINCNTL149
General-Purpose Input/Output (I/O) 2 [GP2] pin 14
GP2[14]
DVDD
DSIS: PIN
VIN[0]AB
VIN[0]A_D[8]_BD[0]/
IPD
AB15
I/O
PINCNTL148
General-Purpose Input/Output (I/O) 2 [GP2] pin 13
GP2[13]
DVDD
DSIS: PIN
VIN[0]A
VIN[0]A_D[7]/
IPD
AA11
I/O
PINCNTL147
General-Purpose Input/Output (I/O) 2 [GP2] pin 12
GP2[12]
DVDD
DSIS: PIN
VIN[0]A
VIN[0]A_D[6]/
IPD
AH16
I/O
PINCNTL146
General-Purpose Input/Output (I/O) 2 [GP2] pin 11
GP2[11]
DVDD
DSIS: PIN
VIN[0]A
VIN[0]A_D[5]/
IPD
AG16
I/O
PINCNTL145
General-Purpose Input/Output (I/O) 2 [GP2] pin 10
GP2[10]
DVDD
DSIS: PIN
VIN[0]A
VIN[0]A_D[4]/
IPD
AH8
I/O
PINCNTL144
General-Purpose Input/Output (I/O) 2 [GP2] pin 9
GP2[9]
DVDD
DSIS: PIN
VIN[0]A
VIN[0]A_D[3]/
IPD
AE12
I/O
PINCNTL143
General-Purpose Input/Output (I/O) 2 [GP2] pin 8
GP2[8]
DVDD
DSIS: PIN
VIN[0]A
VIN[0]A_D[2]/
IPD
AC9
I/O
PINCNTL142
General-Purpose Input/Output (I/O) 2 [GP2] pin 7
GP2[7]
DVDD
DSIS: PIN
SD2, GPMC
SD2_DAT[2]_SDRW/
IPU
PINCNTL118
GPMC_A[2]/
K27
I/O
DVDD_GP
DSIS: PIN
GP2[6]
MC
MM: MUX1
General-Purpose Input/Output (I/O) 2 [GP2] pin 6
GPMC
IPD
GPMC_A[17]/
PINCNTL106
V23
I/O
DVDD_GP
GP2[6]
DSIS: PIN
MC
MM: MUX0
SD2, GPMC
SD2_DAT[3]/
IPU
PINCNTL117
GPMC_A[1]/
J28
I/O
DVDD_GP
DSIS: PIN
GP2[5]
MC
MM: MUX1
General-Purpose Input/Output (I/O) 2 [GP2] pin 5
GPMC
IPD
GPMC_A[16]/
PINCNTL105
AD27
I/O
DVDD_GP
GP2[5]
DSIS: PIN
MC
MM: MUX0
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
81
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com