Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 23 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 19Page - Texas Instruments TMS320DM814X Datasheet HTML 20Page - Texas Instruments TMS320DM814X Datasheet HTML 21Page - Texas Instruments TMS320DM814X Datasheet HTML 22Page - Texas Instruments TMS320DM814X Datasheet HTML 23Page - Texas Instruments TMS320DM814X Datasheet HTML 24Page - Texas Instruments TMS320DM814X Datasheet HTML 25Page - Texas Instruments TMS320DM814X Datasheet HTML 26Page - Texas Instruments TMS320DM814X Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 377 page
background image
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
Mailbox
L4
Interconnect
Interrupt
Interrupt
Interrupt
Interrupt
Mailbox Module
ARM Cortex-A8
C674x+ DSP
Media Controller
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
2.11 Mailbox Module Overview
The device Mailbox module facilitates communication between the ARM Cortex-A8, C674x DSP, and the
Media Controller. The device mailbox consists of twelve mailboxes, each supporting a 1-way
communication between two of the above processors. The sender sends information to the receiver by
writing a message to the mailbox registers. Interrupt signaling is used to notify the receiver that a message
has been queued or to notify the sender about an overflow situation.
The Mailbox module supports the following features (see Figure 2-4):
•
12 mailboxes
•
Flexible mailbox-to-processor assignment scheme
•
Four-message FIFO depth for each message queue
•
32-bit message width
•
Message reception and queue-not-full notification using interrupts
•
Four interrupts (one to ARM Cortex-A8, one to C674x, and two to Media Controller)
Figure 2-4. Mailbox Module Block Diagram
For more details on the Mailbox Module, see the Mailbox section of the Chip Level Resources chapter of
the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
Copyright © 2011–2013, Texas Instruments Incorporated
Device Overview
23
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com