Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 72Page - Texas Instruments TMS320DM814X Datasheet HTML 73Page - Texas Instruments TMS320DM814X Datasheet HTML 74Page - Texas Instruments TMS320DM814X Datasheet HTML 75Page - Texas Instruments TMS320DM814X Datasheet HTML 76Page - Texas Instruments TMS320DM814X Datasheet HTML 77Page - Texas Instruments TMS320DM814X Datasheet HTML 78Page - Texas Instruments TMS320DM814X Datasheet HTML 79Page - Texas Instruments TMS320DM814X Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 377 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 3-11. GP1 Terminal Functions
SIGNAL
OTHER(2)
TYPE(1)
MUXED
DESCRIPTION
(3)
NAME
NO.
GPIO1
Note: General-Purpose Input/Output (I/O) pins can also serve as external interrupt inputs.
GPMC_WAIT[0]/
IPU
GPMC, EDMA
GPMC_A[26]/
W28
I/O
DVDD_GP
PINCNTL133
General-Purpose Input/Output (I/O) 1 [GP1] pin 31
EDMA_EVT0/
MC
DSIS: PIN
GP1[31]
GPMC_BE[1]/
GPMC, EDMA,
GPMC_A[24]/
IPD
TIMER7
EDMA_EVT1/
V28
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 30
PINCNTL132
TIM7_IO/
MC
DSIS: PIN
GP1[30]
GPMC_BE[0]_CLE/
GPMC, EDMA,
GPMC_A[25]/
IPD
TIMER6
EDMA_EVT2/
U27
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 29
PINCNTL131
TIM6_IO/
MC
DSIS: PIN
GP1[29]
GPMC_ADV_ALE/
IPU
GPMC, TIMER5
GPMC_CS[6]/
M26
I/O
DVDD_GP
PINCNTL128
General-Purpose Input/Output (I/O) 1 [GP1] pin 28
TIM5_IO/
MC
DSIS: PIN
GP1[28]
GPMC_CLK/
GPMC_CS[5]/
GPMC, CLKOUT1,
GPMC_WAIT[1]/
IPU
EDMA, TIMER4
CLKOUT1/
R26
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 27
PINCNTL127
EDMA_EVT3/
MC
DSIS: PIN
TIM4_IO/
GP1[27]
SPI[1]
SPI[1]_D[0]/
IPU
PINCNTL88
AA6
I/O
GP1[26]
DVDD
DSIS: PIN
MM: MUX1
General-Purpose Input/Output (I/O) 1 [GP1] pin 26
GPMC, VIN[1]B,
GPMC_CS[3]/
IPU
SPI[2]
VIN[1]B_CLK/
P26
I/O
DVDD_GP
PINCNTL125
SPI[2]_SCS[0]/
MC
DSIS: PIN
GP1[26]
MM: MUX0
GPMC_CS[2]/
IPU
GPMC
GPMC_A[24]/
M25
I/O
DVDD_GP
PINCNTL124
General-Purpose Input/Output (I/O) 1 [GP1] pin 25
GP1[25]
MC
DSIS: PIN
GPMC_CS[1]/
IPU
GPMC
GPMC_A[25]/
K28
I/O
DVDD_GP
PINCNTL123
General-Purpose Input/Output (I/O) 1 [GP1] pin 24
GP1[24]
MC
DSIS: PIN
IPU
GPMC
GPMC_CS[0]/
T28
I/O
DVDD_GP
PINCNTL122
General-Purpose Input/Output (I/O) 1 [GP1] pin 23
GP1[23]
MC
DSIS: PIN
SD2_DAT[4]/
GPMC_A[27]/
SD2, GPMC,
GPMC_A[23]/
IPU
EDMA, TIMER7
GPMC_CS[7]/
R24
I/O
DVDD_GP
General-Purpose Input/Output (I/O) 1 [GP1] pin 22
PINCNTL116
EDMA_EVT0/
MC
DSIS: PIN
TIM7_IO/
GP1[22]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
76
Device Pins
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com