Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 129 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 129 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 125Page - Texas Instruments TMS320DM814X Datasheet HTML 126Page - Texas Instruments TMS320DM814X Datasheet HTML 127Page - Texas Instruments TMS320DM814X Datasheet HTML 128Page - Texas Instruments TMS320DM814X Datasheet HTML 129Page - Texas Instruments TMS320DM814X Datasheet HTML 130Page - Texas Instruments TMS320DM814X Datasheet HTML 131Page - Texas Instruments TMS320DM814X Datasheet HTML 132Page - Texas Instruments TMS320DM814X Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-40. UART4 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
UART4
UART0_CTS/
UART0, DCAN1,
UART4_RXD/
SPI[1], SD0
IPU
DCAN1_TX/
AE6
I
PINCNTL72
DVDD
SPI[1]_SCS[3]/
DSIS: 1
SD0_SDCD
MM: MUX3
VOUT[1],
VOUT[1]_B_CB_C[4]/
EMAC[1], VIN[1]A,
EMAC[1]_MRXD[0]/
IPD
GP3
VIN[1]A_D[1]/
AG25
I
DVDD
PINCNTL209
UART4_RXD/
DSIS: 1
GP3[1]
MM: MUX2
UART4 Receive Data Input. Functions as IrDA receive
input in IrDA modes and CIR receive input in CIR mode.
EMAC[0],
EMAC[0]_MTXD[1]/
EMAC[1], GPMC
EMAC[1]_RGTXD[1]/
IPD
H25
I
PINCNTL251
GPMC_A[8]/
DVDD_GPMC
DSIS: 1
UART4_RXD
MM: MUX1
VOUT[1],
VOUT[1]_G_Y_YC[1]/
CAMERA_I/F,
CAM_D[3]/
IPU
GPMC, GP0
GPMC_A[5]/
AD18
I
DVDD_C
PINCNTL168
UART4_RXD/
DSIS: 1
GP0[22]
MM: MUX0
UART0_RTS/
UART0, DCAN1,
UART4_TXD/
SPI[1], SD2
IPU
DCAN1_RX/
AF5
O
PINCNTL73
DVDD
SPI[1]_SCS[2]/
DSIS: PIN
SD2_SDCD
MM: MUX3
VOUT[1],
VOUT[1]_B_CB_C[5]/
EMAC[1], VIN[1]A,
EMAC[1]_MRXD[1]/
IPD
GP3
VIN[1]A_D[2]/
AF25
O
DVDD
PINCNTL210
UART4_TXD/
DSIS: PIN
GP3[2]
MM: MUX2
UART4 Transmit Data Output. Functions as CIR transmit
output in CIR mode.
EMAC[0]_MTXD[2]/
EMAC[0],
EMAC[1]_RGTXCTL/
EMAC[1], GPMC
IPD
EMAC[1]_RMRXD[0]/
H22
O
PINCNTL252
DVDD_GPMC
GPMC_A[9]/
DSIS: PIN
UART4_TXD
MM: MUX1
VOUT[1],
VOUT[1]_G_Y_YC[0]/
CAMERA_I/F,
CAM_D[2]/
IPD
GPMC, GP0
GPMC_A[6]/
AC18
O
DVDD_C
PINCNTL169
UART4_TXD/
DSIS: PIN
GP0[23]
MM: MUX0
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
129
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com