Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814X Datasheet(PDF) 137 Page - Texas Instruments

Part # TMS320DM814X
Description  DaVinci Video Processors
PDF  377 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814X Datasheet(HTML) 137 Page - Texas Instruments

Back Button TMS320DM814X Datasheet HTML 133Page - Texas Instruments TMS320DM814X Datasheet HTML 134Page - Texas Instruments TMS320DM814X Datasheet HTML 135Page - Texas Instruments TMS320DM814X Datasheet HTML 136Page - Texas Instruments TMS320DM814X Datasheet HTML 137Page - Texas Instruments TMS320DM814X Datasheet HTML 138Page - Texas Instruments TMS320DM814X Datasheet HTML 139Page - Texas Instruments TMS320DM814X Datasheet HTML 140Page - Texas Instruments TMS320DM814X Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 377 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 3-44. Video Input 1 (Digital) Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
Video Input 1 (Digital)
GPMC_CS[3]/
GPMC, SPI[2],
Video Input 1 Port B Clock input. Input clock for 8-bit
VIN[1]B_CLK/
IPU
GP1
Port B video capture. Input data is sampled on the CLK1
P26
I
SPI[2]_SCS[0]/
DVDD_GPMC
PINCNTL125
edge. This signal is not used in 16-bit and 24-bit capture
GP1[26]
DSIS: 0
modes.
VOUT[1]_AVID/
VOUT[1],
EMAC[1]_MRXER/
EMAC[1],
Video Input 1 Port A Clock input. Input clock for 8-bit ,
VIN[1]A_CLK/
IPD
UART4, TIMER
Y22
I
16-bit, or 24-bit Port A video capture. Input data is
UART4_RTS/
DVDD
6, GP2
sampled on the CLK0 edge.
TIM6_IO/
PINCNTL207
GP2[31]
DSIS: 0
VOUT[1]_R_CR[2]/
VOUT[1], GPMC,
GPMC_A[15]/
HDMI, SPI[2],
VIN[1]A_D[23]/
IPD
AE27
I
GP3
HDMI_HPDET/
DVDD
PINCNTL230
SPI[2]_D[1]/
DSIS: PIN
GP3[22]
VOUT[1]_R_CR[3]/
GPMC_A[14]/
VOUT[1], GPMC,
VIN[1]A_D[22]/
HDMI, SPI[2],
IPU
HDMI_SDA/
AG28
I
I2C[2], GP3
DVDD
SPI[2]_SCLK/
PINCNTL229
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
I2C[2]_SDA/
DSIS: PIN
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
GP3[21]
D[7:0] are Port A YCbCr data inputs. For RGB capture,
D[23:16] are R, D[15:8] are G, and D[7:0] are B Port A
VOUT[1]_G_Y_YC[2]/
data inputs.
GPMC_A[13]/
VOUT[1], GPMC,
VIN[1]A_D[21]/
HDMI, SPI[2],
IPU
HDMI_SCL/
AF27
I
I2C[2], GP3
DVDD
SPI[2]_SCS[2]/
PINCNTL228
I2C[2]_SCL/
DSIS: PIN
GP3[20]
VOUT[1]_R_CR[9]/
VOUT[1],
EMAC[1]_MTXEN/
EMAC[1],
IPD
VIN[1]A_D[20]/
Y24
I
UART5, GP3
DVDD
UART5_TXD/
PINCNTL227
GP3[19]
DSIS: PIN
VOUT[1]_R_CR[8]/
VOUT[1],
EMAC[1]_MTXD[7]/
EMAC[1],
IPD
VIN[1]A_D[19]/
W23
I
UART5, GP3
DVDD
UART5_RXD/
PINCNTL226
GP3[18]
DSIS: PIN
VOUT[1]_R_CR[7]/
VOUT[1],
EMAC[1]_MTXD[6]/
EMAC[1], SPI[3],
IPD
VIN[1]A_D[18]/
V22
I
GP3
DVDD
Video Input 1 Data inputs. For 16-bit capture, D[7:0] are
SPI[3]_D[0]/
PINCNTL225
Cb/Cr and [15:8] are Y Port A inputs. For 8-bit capture,
GP3[17]
DSIS: PIN
D[7:0] are Port A YCbCr data inputs. For RGB capture,
VOUT[1]_R_CR[6]/
VOUT[1],
D[23:16] are R, D[15:8] are G, and D[7:0] are B Port A
EMAC[1]_MTXD[5]/
EMAC[1], SPI[3],
data inputs.
IPD
VIN[1]A_D[17]/
AA25
I
GP3
DVDD
SPI[3]_D[1]/
PINCNTL224
GP3[16]
DSIS: PIN
VOUT[1]_R_CR[5]/
VOUT[1],
EMAC[1]_MTXD[4]/
EMAC[1], SPI[3],
IPD
VIN[1]A_D[16]/
AC26
I
GP3
DVDD
SPI[3]_SCLK/
PINCNTL223
GP3[15]
DSIS: PIN
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal, MM = Multi Muxed, DSIS = De-
selected Input State
(2)
IPD = Internal Pulldown Active, IPU = Internal Pullup Active, DIS = Internal Pull Disabled. This represents the default state of the
Internal Pull after Reset. For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown
resistors are required, see Section 4.5.1, Pullup/Pulldown Resistors and Section 7.3.17, Pin Behaviors at Reset.
(3)
Specifies the operating I/O supply voltage for each signal
Copyright © 2011–2013, Texas Instruments Incorporated
Device Pins
137
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com