Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 5Page - STMicroelectronics UM1018 Datasheet HTML 6Page - STMicroelectronics UM1018 Datasheet HTML 7Page - STMicroelectronics UM1018 Datasheet HTML 8Page - STMicroelectronics UM1018 Datasheet HTML 9Page - STMicroelectronics UM1018 Datasheet HTML 10Page - STMicroelectronics UM1018 Datasheet HTML 11Page - STMicroelectronics UM1018 Datasheet HTML 12Page - STMicroelectronics UM1018 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
UM01018
Hardware and layout
Doc ID 18141 Rev 2
9/42
2.3
Clock source
Two clock sources are available on the STM32L152-EVAL evaluation board for the
STM32L152VBT6 and embedded RTC.
X1, 32 KHz crystal for embedded RTC
X2, 8 MHz crystal with socket for the STM32L152VBT6 microcontroller, it can be
removed from the socket when an internal RC clock is used.
2.4
Reset source
The reset signal of the STM32L152-EVAL evaluation board is low active and the reset
sources include:
Reset button B1
Debugging Tools from JTAG connector CN9 and trace connector CN8
Daughterboard from CN7
Embedded ST-LINK/V2
RS-232 connector CN2 for ISP
Note:
Jumper JP9 must be changed for RESET. This is handled by pin8 of the RS-232 connector
CN2 (CTS signal), refer to Section 2.9 for details.
Table 2.
32 KHz crystal X1 related solder bridges
Solder bridge
Description
SB1
PC14 is connected to 32 KHz crystal when SB1 is open (default setting).
PC14 is connected to extension connector CN6 when SB1 is closed. In such
case R37 must be removed to avoid disturbance due to the 32 KHz quartz.
SB4
PC15 is connected to 32 KHz crystal when SB4 is open (default setting).
PC15 is connected to extension connector CN6 when SB4 is closed. In such
case R38 must be removed to avoid disturbance due to the 32 KHz quartz.
Table 3.
8 MHz crystal X2 related solder bridges
Solder bridge
Description
SB2
PH1 is connected to 8 MHz crystal when SB2 is open (default setting).
PH1 is connected to extension connector CN7 when SB2 is closed. In such case
R39 must be removed to avoid disturbance due to the 8 MHz quartz.
SB3
PH0 is connected to 8 MHz crystal when SB3 is open (default setting).
PH1 is connected to extension connector CN7 when SB3 is closed. In such case
C30 and X2 must be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com