Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 30Page - STMicroelectronics UM1018 Datasheet HTML 31Page - STMicroelectronics UM1018 Datasheet HTML 32Page - STMicroelectronics UM1018 Datasheet HTML 33Page - STMicroelectronics UM1018 Datasheet HTML 34Page - STMicroelectronics UM1018 Datasheet HTML 35Page - STMicroelectronics UM1018 Datasheet HTML 36Page - STMicroelectronics UM1018 Datasheet HTML 37Page - STMicroelectronics UM1018 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
Figure 20.
LCD and SD Card
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
MB819
8
14
STM32L152-EVAL LCD&SDcard
MicroSD_CS
SPI1_SCK
SPI1_MOSI
LCD_CS
+3V3
SPI1_MISO
1
2
3
4
5
6
7
8
SW2
9
SW1
10
CN4
PJS008-2000 (SMS064FF or SMS128FF)
SDcard_detect
MicroSD card
CS
1
SCL
2
SDI
3
RS
4
WR
5
RD
6
RESET
8
VDD
9
VCI
10
SDO
7
GND
11
GND
12
BL_VDD
13
BL_Control
14
BL_GND
15
BL_GND
16
CN14
2.4" LCD connector (MB542 with AM240320L8TNQW-00H)
+3V3
+5V
Do not fit
TFT LCD
PE6
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U16
SN74LVC2T45DCUT
+3V3
VDD
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U14
SN74LVC2T45DCUT
+3V3
VDD
VDD
R57
0
R58
0
C46
100nF
C45
100nF
C38
100nF
C35
100nF
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U13
SN74LVC2T45DCUT
+3V3
VDD
VDD
C42
100nF
C36
100nF
MicroSD_CS_3V3
SPI2_MOSI_3V3
SPI2_MISO_3V3
SPI2_SCK_3V3
MicroSD_CS_3V3
SPI2_SCK_3V3
SPI1_MISO_3V3
SPI1_SCK_3V3
LCD_CS_3V3
SPI1_MOSI_3V3
SPI1_MISO_3V3
SPI1_SCK_3V3
LCD_CS_3V3
SPI2_SCK
SPI2_MOSI
SPI2_MISO
SPI2_MISO_3V3
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U15
SN74LVC2T45DCUT
+3V3
VDD
VDD
C43
100nF
C37
100nF
SPI1_MOSI_3V3
SPI2_MOSI_3V3
PE13
PE14
PE15
PD7
PB13
PB14
PB15
PH2
R59
10K
VDD
R64
10K
RESET#
+3V3
VDD
R91
4K7
1
3
G
SD
TR4
BSN20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com