Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 36 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 32Page - STMicroelectronics UM1018 Datasheet HTML 33Page - STMicroelectronics UM1018 Datasheet HTML 34Page - STMicroelectronics UM1018 Datasheet HTML 35Page - STMicroelectronics UM1018 Datasheet HTML 36Page - STMicroelectronics UM1018 Datasheet HTML 37Page - STMicroelectronics UM1018 Datasheet HTML 38Page - STMicroelectronics UM1018 Datasheet HTML 39Page - STMicroelectronics UM1018 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
Figure 22.
IDD_Measurement
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(SCH.PCB)
Date:
9/7/2011
IDD_Measurement
IDD_CNT_EN
IDD_WAKEUP
3
5
U9
SN74LVC1G04DCKT
I/O
1
O/I
2
GND
3
C
4
VCC
5
U12
SN74LVC1G66DCKT
VDD
R36
1[1%]
R35
1K[1%]
T4
FDC606P
3
4
5
1
2
6
T3
FDC606P
4
5
3
U10
MAX9938FEUK+
VDD
Q11
1
Q12
2
Q13
3
Q5
4
Q4
5
Q6
6
Q3
7
GND
8
Ctc
9
Rtc
10
RS
11
MR
12
Q8
13
Q7
14
Q9
15
VCC
16
U6
74LV4060PW
VDD
VDD
R26
10K
R33
10K
C25
1uF
VDD
VDD_MCU
C6
1nF
R18
15K
R17
30K
Oscillator frequency 30KHz
VDD
C7
100nF
PA0
PC13
PA5
MB819
10
14
STM32L152-EVAL IDD_Measurement
JP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com