Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 13Page - STMicroelectronics UM1018 Datasheet HTML 14Page - STMicroelectronics UM1018 Datasheet HTML 15Page - STMicroelectronics UM1018 Datasheet HTML 16Page - STMicroelectronics UM1018 Datasheet HTML 17Page - STMicroelectronics UM1018 Datasheet HTML 18Page - STMicroelectronics UM1018 Datasheet HTML 19Page - STMicroelectronics UM1018 Datasheet HTML 20Page - STMicroelectronics UM1018 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
UM01018
Hardware and layout
Doc ID 18141 Rev 2
17/42
2.16.3
Ibias current measurement procedure
In Low power mode the bias current of operational amplifier input (U10 pin 4) is not
negligible compared to IDD current (typical Ibias is ~240 nA). To obtain a reliable MCU IDD
measurement it is possible to subtract the bias current from the IDD low power
measurement since this current is not sinked by the MCU.
The procedure for accurate IDD measurement is:
1.
Set jumper on JP4 pins 1 and 2.
2.
Follow the Low power mode procedure to measure I1 = I bias.
3.
Remove jumper on JP4 pins 1 and 2 and place it on JP4 pins 2 and 3.
4.
Follow the low power mode procedure to measure I2 = IDD + I bias.
5.
Calculate actual IDD: IDD = I2 - I1.
Note:
When jumper JP4 is removed the current consumption of the STM32L can be measured by
connecting an ammeter between jumper JP4 pin 1 and pin 2.
Note:
RDS (on) typical value of analog switch T4 = 50 micro Ohm, so to improve measurement
accuracy it is recommended to take into account the RDS in series with R36 (1 Ohm) in the
Idd Run mode current calculation.
Table 12.
IDD measurement related jumpers
Jumper
Description
Setting
JP14
PA5 is connected to IDD_measurement, the output of IDD measurement circuit
when JP14 is closed (default).
PA5 is disconnected from IDD_measurement but remains connected to BNC
connector CN13 when JP14 is open.
JP4
STM32L is powered through IDD measurement circuit (default)
STM32L is powered directly by +3V3, IDD measurement circuit is bypassed.
Please refer to Section 2.2: Power supply for details.
3
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com