Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 7Page - STMicroelectronics UM1018 Datasheet HTML 8Page - STMicroelectronics UM1018 Datasheet HTML 9Page - STMicroelectronics UM1018 Datasheet HTML 10Page - STMicroelectronics UM1018 Datasheet HTML 11Page - STMicroelectronics UM1018 Datasheet HTML 12Page - STMicroelectronics UM1018 Datasheet HTML 13Page - STMicroelectronics UM1018 Datasheet HTML 14Page - STMicroelectronics UM1018 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
UM01018
Hardware and layout
Doc ID 18141 Rev 2
11/42
2.7
Audio
The STM32L152-EVAL evaluation board supports both:
●
The speaker which is connected to the DAC output of the STM32L152VBT6 through an
audio amplifier.
●
The microphone which is connected to the ADC input of the STM32L152VBT6 through
a microphone amplifier.
The speaker can be enabled or disabled by setting JP16, refer to Table 7 for details.
2.8
USB
The STM32L152-EVAL evaluation board supports USB 2.0 compliant full speed
communication via a USB type B connector (CN1). The evaluation board can be powered by
this USB connection at 5 V DC with 500 mA current limitation.
USB disconnection simulation can be implemented by controlling the internal 1.5 K pull-up
resistor on the USB D+ line to detect 5 V power on the USB connector, CN1 (using the
resistor bridge that is connected to PE5).
2.9
RS-232 and IrDA
Both IrDA and RS-232 (with hardware flow control CTS and RTS) communication is
supported by:
●
IrDA transceiver, U17 (connected to USART2 of the STM32L152VBT6 on the
STM32L152-EVAL evaluation board).
●
RS-232 connector, CN2 (D-type 9-pin).
For ISP support, two signals are added on the RS-232 connector CN2:
–
Bootloader_RESET (shared with CTS signal).
–
Bootloader_BOOT0 (shared with DSR signal).
Another RS-232 (without hardware flow control) connector, CN5, is connected to USART3
of the STM32L152VBT6.
Table 7.
Audio related jumpers
Jumper
Description
JP16
Speaker amplifier U27 is enabled when JP16 is open (default setting).
Speaker amplifier U27 is disabled when JP16 is closed.
Table 8.
RS-232 and IrDA related jumpers
Jumper
Description
Setting
JP5
USART2_RX is connected to RS-232 transceiver and RS-232 communication
is enabled when JP5 is set as shown (default setting).
USART2_RX is connected to IrDA transceiver and IrDA communication is
enabled when JP5 is set as shown.
3
2
1
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com