Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 20Page - STMicroelectronics UM1018 Datasheet HTML 21Page - STMicroelectronics UM1018 Datasheet HTML 22Page - STMicroelectronics UM1018 Datasheet HTML 23Page - STMicroelectronics UM1018 Datasheet HTML 24Page - STMicroelectronics UM1018 Datasheet HTML 25Page - STMicroelectronics UM1018 Datasheet HTML 26Page - STMicroelectronics UM1018 Datasheet HTML 27Page - STMicroelectronics UM1018 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Connectors
UM01018
24/42
Doc ID 18141 Rev 2
3.9
JTAG connector CN9
Figure 10.
JTAG debugging connector CN9 (viewed from above PCB)
3.10
Trace debugging connector CN8
This is the same connector type as CN9 (see Figure 10).
Table 19.
JTAG debugging connector CN9
Pin number
Description
Pin number
Description
1
3.3 V power
2
3.3 V power
3
PB4
4
GND
5PA15
6
GND
7PA13
8
GND
9PA14
10
GND
11
RTCK
12
GND
13
PB3
14
GND
15
RESET#
16
GND
17
DBGRQ
18
GND
19
DBGACK
20
GND
Table 20.
Trace debugging connector CN8
Pin number
Description
Pin number
Description
1
3.3V power
2
TMS/PA13
3
GND
4
TCK/PA14
5
GND
6
TDO/PB3
7
KEY
8
TDI/PA15
9
GND
10
RESET#
11
GND
12
TraceCLK/PE2
13
GND
14
TraceD0/PE3 or SWO/PB3
15
GND
16
TraceD1/PE4 or nTRST/PB4
17
GND
18
TraceD2/PE5
19
GND
20
TraceD3/PE6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com