Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 15Page - STMicroelectronics UM1018 Datasheet HTML 16Page - STMicroelectronics UM1018 Datasheet HTML 17Page - STMicroelectronics UM1018 Datasheet HTML 18Page - STMicroelectronics UM1018 Datasheet HTML 19Page - STMicroelectronics UM1018 Datasheet HTML 20Page - STMicroelectronics UM1018 Datasheet HTML 21Page - STMicroelectronics UM1018 Datasheet HTML 22Page - STMicroelectronics UM1018 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
UM01018
Connectors
Doc ID 18141 Rev 2
19/42
3.3
Power connector (CN12)
Your STM32L152-EVAL evaluation board can be powered from a DC 5 V power supply via
the external power supply jack (CN12) shown in Figure 7. The central pin of CN12 must be
positive.
Figure 7.
Power supply connector CN12 (viewed from front)
3.4
Daughterboard extension connectors (CN6 and CN7)
Two 50-pin male headers CN6 and CN7 can connect a daughterboard or standard wrapping
board to the STM32L152-EVAL evaluation board. All GPIOs are available on it. The space
between these two connectors and position of power, GND and RESET pins are defined as
a standard which allows common daughterboards to be developed for several evaluation
boards. The standard width between CN6 pin1 and CN7 pin1 is 2700 mils (68.58 mm). This
standard is implemented on the majority of evaluation boards.
Each pin on CN6 and CN7 can be used by a daughterboard after disconnecting it from the
corresponding function block on the STM32L152-EVAL evaluation board. Please refer to
Table 15 and Table 16 for details.
Table 15.
Daughterboard extension connector CN6
Pin Description
Alternative function
How to disconnect with function block on
STM32L152-EVAL board
1GND
-
-
3
PC7
TS_KEY2
Remove R13
5
PC9
TS_CT
Remove R29
7
PA9
COM1
Remove LCD glass U20
9
PA0
Tamper/Key
-
11
PC14
32K OSC
Remove R37
13
PA12
USB DP
Remove R25
15
PC15
32K OSC
Remove R38
17
PC10
LCD glass_SEG40 / USART3_TX JP7 open
19
GND
-
-
21
PC12
LCD glass_SEG42
Remove LCD glass U20
23
PD1
LED2
Remove R125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com