Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 28Page - STMicroelectronics UM1018 Datasheet HTML 29Page - STMicroelectronics UM1018 Datasheet HTML 30Page - STMicroelectronics UM1018 Datasheet HTML 31Page - STMicroelectronics UM1018 Datasheet HTML 32Page - STMicroelectronics UM1018 Datasheet HTML 33Page - STMicroelectronics UM1018 Datasheet HTML 34Page - STMicroelectronics UM1018 Datasheet HTML 35Page - STMicroelectronics UM1018 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
Figure 18.
Power
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
Vin
3
Vout
2
U22
LD1086D2M33
SV
1
SG
2
CV
3
CG1
4
CG2
5
CG3
6
U21
BNX002-01
C58
220uF
E5V
TP5
5V
+5V
R72
1K
1
2
LD9
red
C65
47uF
C55
10uF
C52
10uF
C51
100nF
+5V
+3V3
VDD_ADJ
+5V
TP4
Ground
TP6
+3V3
TP7
VDD_ADJ
1
3
2
CN12
DC-10B
Z1
SMAJ5.0A-TR
C61
100nF
1
3
U26
ZEN056V130A24LS
R94
124[1%]
2
RV2
3386P-201H[5%]
3
2
1
JP13
VDD
R95
40.2[1%]
Vin
3
Vout
2
U24
LD1086D2M
E5V
D5V
MB819
6
14
STM32L152-EVAL Power
U5V
7
8
5
6
3
4
1
2
JP12
Header 4X2
U5V_ST_LINK
C63
100nF
Power Supply VDD_ADJ [1.65V to 3.6V]
R56
2K2[1%]
C39
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com