Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 31Page - STMicroelectronics UM1018 Datasheet HTML 32Page - STMicroelectronics UM1018 Datasheet HTML 33Page - STMicroelectronics UM1018 Datasheet HTML 34Page - STMicroelectronics UM1018 Datasheet HTML 35Page - STMicroelectronics UM1018 Datasheet HTML 36Page - STMicroelectronics UM1018 Datasheet HTML 37Page - STMicroelectronics UM1018 Datasheet HTML 38Page - STMicroelectronics UM1018 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Figure 21.
RS-232 and IrDA
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
USART2/IrDA_TX
USART2/IrDA_CTS
SD
5
TxD
3
GND
8
Anode (VCC2)
1
Cathode
2
RxD
4
VCC1
6
NC
7
U17
TFDU6300
R55
5
R60
47
C47
100nF
+3V3
C40
4.7uF
IrDA
JP9
C2+
1
C2-
2
V-
3
R1IN
4
R2IN
5
R3IN
6
R4IN
7
R5IN
8
T1OUT
9
T2OUT
10
T3OUT
11
T3IN
12
T2IN
13
T1IN
14
R5OUT
15
R4OUT
16
R3OUT
17
R2OUT
18
R1OUT
19
R2OUTB
20
R1OUTB
21
nSHDN
22
nEN
23
C1-
24
GND
25
VCC
26
V+
27
C1+
28
U8
ST3241EBPR
C16
100nF
C19
100nF
C14
100nF
C15
100nF
C20
100nF
+3V3
1
6
2
7
3
8
4
9
5
CN2
DB9-male USART2
+3V3
Bootloader_RESET
MB819
9
14
STM32L152-EVAL RS232&IrDA
Bootloader_BOOT0
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U2
SN74LVC2T45DCUT
+3V3
VDD
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U4
SN74LVC2T45DCUT
+3V3
VDD
VDD
R19
0
R20
0
C9
100nF
C8
100nF
C4
100nF
C1
100nF
1
6
2
7
3
8
4
9
5
CN5
DB9-male USART3
USART2_RTS
USART2_TXD
USART3_TXD
USART2_RXD
USART2_CTS
USART3_RXD
USART2_TXD
USART2_RXD
USART2_CTS
USART2_RTS
USART2_TXD
USART2/IrDA_RX
USART2/IrDA_RTS
USART3_TX
USART3_RX
RXD
RTS
TXD
CTS
RXD
TXD
R46
[N/A]
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U5
SN74LVC2T45DCUT
+3V3
VDD
VCCA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VCCB
8
U3
SN74LVC2T45DCUT
+3V3
VDD
VDD
R11 0
C12
100nF
C10
100nF
C2
100nF
C3
100nF
USART3_RXD
USART3_TXD
1
2
3
JP5
IrDA_RXD
IrDA_RXD
PD5
PD3
PD6
PD4
PC10
PC11
R21
100K
R12
100K
R44
100K
VDD
VDD
DSR
C44
100nF
C48
4.7uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com