Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 24Page - STMicroelectronics UM1018 Datasheet HTML 25Page - STMicroelectronics UM1018 Datasheet HTML 26Page - STMicroelectronics UM1018 Datasheet HTML 27Page - STMicroelectronics UM1018 Datasheet HTML 28Page - STMicroelectronics UM1018 Datasheet HTML 29Page - STMicroelectronics UM1018 Datasheet HTML 30Page - STMicroelectronics UM1018 Datasheet HTML 31Page - STMicroelectronics UM1018 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
Figure 14.
MCU
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
MB819
214
STM32L152-EVAL MCU
PE2
1
PE3
2
PE4
3
PE5
4
PE6
5
PC13-ANTI_TAMP
7
PC14-OSC32_IN
8
PC15-OSC32_OUT
9
PH0-OSC_IN
12
PH1-OSC_OUT
13
NRST
14
PC0
15
PC1
16
PC2
17
PC3
18
PA0-WKUP
23
PA1
24
PA2
25
PA3
26
PA4
29
PA5
30
PA6
31
PA7
32
PC4
33
PC5
34
PB0
35
PB1
36
PB2
37
PE7
38
PE8
39
PE9
40
PE10
41
PE11
42
PE12
43
PE13
44
PE14
45
PE15
46
PB10
47
PB11
48
PB12
51
PB13
52
PB14
53
PB15
54
PD8
55
PD9
56
PD10
57
PD11
58
PD12
59
PD13
60
PD14
61
PD15
62
PC6
63
PC7
64
PC8
65
PC9
66
PA8
67
PA9
68
PA10
69
PA11
70
PA12
71
PA13
72
PH2
73
PA14
76
PA15
77
PC10
78
PC11
79
PC12
80
PD0
81
PD1
82
PD2
83
PD3
84
PD4
85
PD5
86
PD6
87
PD7
88
PB3
89
PB4
90
PB5
91
PB6
92
PB7
93
BOOT0
94
PB8
95
PB9
96
PE0
97
PE1
98
U11A
STM32L152VBT6
PE0
PE1
PE2
PE3
PE4
PE5
PE6
PE7
PE8
PE9
PE10
PE11
PE12
PE13
PE14
PE15
PC0
PC1
PC2
PC3
PC4
PC5
PC6
PC7
PC8
PC9
PC10
PC11
PC12
PC13
PA[0..15]
PA[0..15]
PB[0..15]
PB[0..15]
PC[0..15]
PC[0..15]
PD[0..15]
PD[0..15]
PE[0..15]
PE[0..15]
1
4
3
2
B1
RESET
R137
[N/A]
VDD
C85
100nF
C33
20pF
C30
20pF
X2
8MHz (with socket)
R39
0
R32
10K
VDD
SW1
09.03290.01
RESET#
R43
10K
VDD
2
3
1
SW2
09.03290.01
4
1
3
2
X1
MC306-G-06Q-32.768 (manufacturer JFVNY)
C28
6.8pF
C29
6.8pF
R38
0
PC14
PC15
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PA8
PA9
PA10
PA11
PA12
PA13
PA14
PA15
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PB8
PB9
PB10
PB11
PB12
PB13
PB14
PB15
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
PD8
PD9
PD10
PD11
PD12
PD13
PD14
PD15
R37
0
Bootloader_BOOT0
Bootloader_RESET
D1
BAT60JFILM
D2
BAT60JFILM
VLCD
6
VSS_5
10
VDD_5
11
VSSA
19
VREF-
20
VREF+
21
VDDA
22
VSS_4
27
VDD_4
28
VSS_1
49
VDD_1
50
VSS_2
74
VDD_2
75
VSS_3
99
VDD_3
100
U11B
Scorpio
L1
BEAD
C34
1uF
C32
100nF
R41
50
R40
0
VDDA
VDD_MCU
VREF+
VREF-
C27
100nF
TP1
VREF
VDD_MCU
C21
100nF
C26
100nF
C24
100nF
C17
100nF
C23
100nF
VDD_MCU
PH[0..2]
PH[0..2]
PH0
PH1
PH2
TRACE_D3
TRACE_D2
TRACE_D1
TRACE_D0
TRACE_CK
SEG38
SEG39
SEG[0..43]
SEG[0..43]
C22
1uF
WAKEUP
SEG18
SEG19
SEG20
SEG21
SEG0
SEG1
SEG2
Audio_OUT
BNC
SEG3
SEG4
SEG22
SEG23
SEG5
SEG6
TS_LOAD
SDcard_detect
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
MicroSD_CS
SPI1_SCK
SPI1_MOSI
LCD_CS
SPI1_MISO
SPI2_SCK
SPI2_MOSI
SPI2_MISO
SEG10
SEG11
Potentiometer
Audio_IN
IDD_CNT_EN
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
TS1
TS2
TS_SHIELD
TS_CT
COM[0..3]
COM[0..3]
COM0
COM1
COM2
USB_DM
USB_DP
TDI
TRST
TMS/SWDIO
TCK/SWCLK
TDO/SWO
1
2
3
JP8
1
2
3
JP7
SEG40
SEG41
SEG42
USART3_TX
USART3_RX
LED4
LED3
LED1
LED2
SEG43
USART2/IrDA_TX
USART2/IrDA_CTS
USART2/IrDA_RX
USART2/IrDA_RTS
LDR_OUT
COM_IN-
COM_IN+
I2C_SLK
I2C_SDA
I2C_SMB
SEG16
COM3
SEG36
SEG37
1
2
3
JP10
R77
0
R78
0
VLCD
JP11
JP19
JP18
JP6
JP2
U5V
R86
100K
R81
220K
R88
0
R138
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com