Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 26Page - STMicroelectronics UM1018 Datasheet HTML 27Page - STMicroelectronics UM1018 Datasheet HTML 28Page - STMicroelectronics UM1018 Datasheet HTML 29Page - STMicroelectronics UM1018 Datasheet HTML 30Page - STMicroelectronics UM1018 Datasheet HTML 31Page - STMicroelectronics UM1018 Datasheet HTML 32Page - STMicroelectronics UM1018 Datasheet HTML 33Page - STMicroelectronics UM1018 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Figure 16.
Audio
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
1
2
U29
KECG2740TBL
2
1
U25
KDMG15008-03
C82
180pF
C75
100nF
R98
100K
R100
100K
R109
10K
JP16
+3V3
+3V3
C71
470nF
R110
22K
R121
22K
C74
330pF
C66
1uF
TP9
MIC_OUT
TP8
MIC+
R99
1K
R128
100
R106
2K2
C72
47pF
VDD
R101
15K
2
RV1
[N/A]
Speaker+
Speaker-
1
10
2
CN3
ST-613
C69
[N/A]
R108
0
Audio_OUT
Audio_IN
C67
10uF
C68
4.7uF
C73
2.2uF
R129
18K
VDD
R107
82K
R135
680
C84
4.7uF
+3V3
R103
0
C70
[N/A]
MB819
4
14
STM32L152-EVAL Audio
Standby
1
Bypass
2
VIN+
3
VIN-
4
VOUT1
5
VCC
6
GND
7
VOUT2
8
U27
TS4990IST
C83
1uF
PA4
PE7
R75
0
4
3
1
U28
TS461CLT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com