Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 8Page - STMicroelectronics UM1018 Datasheet HTML 9Page - STMicroelectronics UM1018 Datasheet HTML 10Page - STMicroelectronics UM1018 Datasheet HTML 11Page - STMicroelectronics UM1018 Datasheet HTML 12Page - STMicroelectronics UM1018 Datasheet HTML 13Page - STMicroelectronics UM1018 Datasheet HTML 14Page - STMicroelectronics UM1018 Datasheet HTML 15Page - STMicroelectronics UM1018 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Hardware and layout
UM01018
12/42
Doc ID 18141 Rev 2
2.10
Touch sensing buttons
The STM32L152-EVAL evaluation board supports two touch sensing buttons based on
either charge transfer technology (default) or RC charging.
RC charging technology can be enabled by modifying the board:
1.
Remove R29.
2.
Mount resistors R22 (1 MOhm), R23 (1 MOhm), R24 (10 KOhm) and C18(1 nF).
2.11
MicroSD Card
The 2 GB (or more) MicroSD Card connected to SPI2 port of the STM32L152VBT6 is
available on the board. MicroSD Card detection is managed by standard I/O port PE6.
Note:
JP2 must be kept on open for trace purposes (connected to CN8).
2.12
Analog input
A BNC connector, CN13, is connected to PA5 of the STM32L152VBT6 as external analog
input or DAC output. The 50 ohm terminal resistor can be enabled by closing the solder
bridge SB5. A low pass filter can be implemented for the BNC connector by replacing R47
and C31 for ADC input or replacing R45 and C31 for DAC output with the values requested
by end user's application.
There are also 3 analog signals available on the board:
1.
10 KOhm potentiometer RV3 connected to PB12.
2.
IDD measurement output signal connected to PA5 for MCU power consumption test.
3.
External ADC input which can be connected to TP3 (AIN+) and TP2 (AIN-), R48 should
be removed to reduce the noise on this analog input.
JP9
USART2_CTS is connected to RS-232 transceiver when JP9 is set as shown
(default setting).
Bootloader_RESET is connected to RS-232 transceiver when JP9 is set as
shown.
JP7,JP8 Refer to Table 6 for
USART3 settings.
JP6
See Table 5 for Bootloader_BOOT0 settings.
Table 8.
RS-232 and IrDA related jumpers (continued)
Jumper
Description
Setting
3
2
1
3
2
1
Table 9.
MicroSD Card related jumpers
Jumper
Description
JP2
PE6 is connected to MicroSD Card detection when JP2 is closed (default setting).
PE6 is disconnected from MicroSD Card detection but remains connected to trace
connector CN8 when JP2 is open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com