Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 19Page - STMicroelectronics UM1018 Datasheet HTML 20Page - STMicroelectronics UM1018 Datasheet HTML 21Page - STMicroelectronics UM1018 Datasheet HTML 22Page - STMicroelectronics UM1018 Datasheet HTML 23Page - STMicroelectronics UM1018 Datasheet HTML 24Page - STMicroelectronics UM1018 Datasheet HTML 25Page - STMicroelectronics UM1018 Datasheet HTML 26Page - STMicroelectronics UM1018 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
UM01018
Connectors
Doc ID 18141 Rev 2
23/42
3.6
ST-LINK/V2 USB type B connector CN11
The USB connector, CN11, is used to connect the embedded ST-LINK/V2 to the PC for
board debugging.
Figure 8.
USB type B connector CN11 (viewed from front)
3.7
User USB Type B connector CN1
Figure 9.
USB type B connector CN1 (viewed from front)
3.8
Audio jack CN3
A 3.5 mm stereo audio jack, CN3, connected to audio DAC is available.
Table 17.
USB type B connector CN11
Pin number
Description
Pin number
Description
1
VBUS (power)
4
GND
2
DM
5,6
Shield
3DP
Table 18.
USB type B connector CN1
Pin number
Description
Pin number
Description
1
VBUS (power)
4
GND
2
DM
5
Shield
3
DP
6
Shield



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com