Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 27Page - STMicroelectronics UM1018 Datasheet HTML 28Page - STMicroelectronics UM1018 Datasheet HTML 29Page - STMicroelectronics UM1018 Datasheet HTML 30Page - STMicroelectronics UM1018 Datasheet HTML 31Page - STMicroelectronics UM1018 Datasheet HTML 32Page - STMicroelectronics UM1018 Datasheet HTML 33Page - STMicroelectronics UM1018 Datasheet HTML 34Page - STMicroelectronics UM1018 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Figure 17.
Peripherals
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
MB819
5
14
STM32L152-EVAL Peripherals
1
2
3
4
5
CN13
VB334
2
RV3
10K
VDD
BNC
Potentiometer
BNC connector
Potentiometer/Comparator
1
2
LD3
Red
1
2
LD2
Orange
1
2
LD4
Blue
1
2
LD1
Green
+3V3
R136
510
R131
680
R123
680
R130
680
LED4
LED3
LED1
LED2
VDD
R132
100
COMMON
5
Selection
2
DWON
3
LEFT
1
RIGHT
4
UP
6
U30
MT008-A
R126
0
R117
0
R118
0
R127
0
R112
0
JOY_SEL
JOY_DOWN
JOY_LEFT
JOY_RIGHT
JOY_UP
Joystick
WKUP/TAMPER Button
LEDs
USB
LDR_OUT
R53
8.2K
VDD
+3V3
R9
1K
R6
1K2
+3V3
LD8
Red
R3
510
+3V3
SB5
R42
50
Low Voltage LED
PB4
PB12
PD0
PD1
PD4
PD5
PE9
PE11
PE12
PE10
PE8
R111
0
R125
0
R124
0
R122
0
U5V
C5
100nF
VCC
1
D-
2
D+
3
GND
4
SHELL
0
SHELL
0
CN1
USB-typeB connector
I/O1
1
GND
2
I/O2
3
I/O2
4
Vbus
5
I/O1
6
U7
USBLC6-2P6 (optional)
U5V
R27
1M
C13
4.7nF
USB_DM
USB_DP
R25
0
R16
0
C31
[N/A]
R47 0
R45
0
TP3
AIN+
TP2
AIN-
R134
220K
B2
WKUP
C81
[N/A]
VDD
R133
100
R120
330
WAKEUP
Close to MCU on PCB
6
5
4
3
2
1
JP17
Header 3X2
COM_IN-
COM_IN+
PB3
PB5
6
5
7
U1B
TS3702IPT
2
3
1
U1A
TS3702IPT
LD7
Orange
R1
510
LD6
Green
R2
510
VDD
+3V3
R5
1K
R4
2K
VDD<1.8V
1.8V<VDD<2.2V
VDD>2.2V
PA12
PA5
PA11
R48 0
R34
VT9ON1
VDD
IDD_Measurement
R96
0
JP14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com