Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM1018 Datasheet(PDF) 38 Page - STMicroelectronics

Part # UM1018
Description  STM32L152-EVAL evaluation board
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1018 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button UM1018 Datasheet HTML 34Page - STMicroelectronics UM1018 Datasheet HTML 35Page - STMicroelectronics UM1018 Datasheet HTML 36Page - STMicroelectronics UM1018 Datasheet HTML 37Page - STMicroelectronics UM1018 Datasheet HTML 38Page - STMicroelectronics UM1018 Datasheet HTML 39Page - STMicroelectronics UM1018 Datasheet HTML 40Page - STMicroelectronics UM1018 Datasheet HTML 41Page - STMicroelectronics UM1018 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
Figure 24.
ST-LINK
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
STMicroelectronics
Title:
Number:
Rev:
Sheet
of
B.4(PCB.SCH)
Date:
9/7/2011
MB819
12
14
STM32L152-EVAL ST_LINK (JTAG only)
VBAT
1
PC13
2
PC14
3
PC15
4
OSC_IN
5
OSC_OUT
6
/RST
7
VSSA
8
VDDA
9
PA0
10
PA1
11
U2_TX
12
PB12
25
S2_CK
26
S2_MISO
27
S2_MOSI
28
PA8
29
PA9
30
PA10
31
PA11
32
PA12
33
JTMS
34
VSS_2
35
VDD_2
36
U23
STM32F103C8T6
20pF
C54
20pF
C53
1
2
X3
8MHz
+3V3
USB_DM
USB_DP
STM_RST
T_JTCK
T_JTMS
STM_JTMS_SWDIO
LED_STLINK
OSC_IN
OSC_OUT
LED_STLINK
T_JTCK
T_JTDI
T_JTDO
T_NRST
T_JTMS
T_JRST
R90
4K7
R85
4K7
AIN_1
C56
100nF
R87
100K
R105
100
+3V3
+3V3
VDD
+3V3
+3V3
+3V3
AIN_1
VCC
1
D-
2
D+
3
GND
4
SHELL
0
SHELL
0
CN11
USB-typeB connector
USB_DM
USB_DP
+3V3
C64
100nF
C57
100nF
C62
100nF
C59
100nF
R104
22
R97
22
MCU
USB
JTAG
STM_JTMS_SWDIO
STM_JTCK_SWCLK
+3V3
U5V_ST_LINK
C50
100nF
C49
100nF
TDI
TRST
TMS/SWDIO
TCK/SWCLK
TDO/SWO
RESET#
SWIM_PU_CTRL
R93
100K
VccA
1
A1
2
A2
3
GND
4
DIR
5
B2
6
B1
7
VccB
8
U19
SN74LVC2T45DCUT
+3V3
VDD
T_SWO
T_SWDIO_IN
T_SWDIO_IN
T_SWO
1
2
3
4
5
CN10
JTAG
R7
1.5K
R10
10K
R8
36K
2
T1
9013
+3V3
U5V_ST_LINK
R79
[N/A]
R80
10K
R15
100K
MCO
Red
Yellow
LD5
HSMF-A201-A00J1
R92
100
R102
0
+3V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com