Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 105 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 105 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 101Page - STMicroelectronics SPC560B50x Datasheet HTML 102Page - STMicroelectronics SPC560B50x Datasheet HTML 103Page - STMicroelectronics SPC560B50x Datasheet HTML 104Page - STMicroelectronics SPC560B50x Datasheet HTML 105Page - STMicroelectronics SPC560B50x Datasheet HTML 106Page - STMicroelectronics SPC560B50x Datasheet HTML 107Page - STMicroelectronics SPC560B50x Datasheet HTML 108Page - STMicroelectronics SPC560B50x Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 116 page
background image
DocID14619 Rev 13
105/116
SPC560B40x/50x, SPC560C40x/50x
Package characteristics
115
D
16.80
17.00
17.20
0.6614
0.6693
0.6772
—
D1
—
15.00
—
—
0.5906
—
—
E
16.80
17.00
17.20
0.6614
0.6693
0.6772
—
E1
—
15.00
—
—
0.5906
—
—
e
—
1.00
—
—
0.0394
—
—
F
—
1.00
—
—
0.0394
—
—
ddd
—
—
0.20
—
—
0.0079
—
eee
—
—
0.25
—
—
0.0098
(4)
fff
—
—
0.10
—
—
0.0039
(5)
1.
Values in inches are converted from mm and rounded to four decimal digits.
2.
LBGA stands for Low profile Ball Grid Array.
— Low profile: The total profile height (Dim A) is measured from the seating plane to the top of the
component
— The maximum total package height is calculated by the following methodology:
A2 Typ + A1 Typ +
 (A12 + A32 + A42 tolerance values)
— Low profile: 1.20 mm
 A 1.70 mm
3.
The typical ball diameter before mounting is 0.60 mm.
4.
The tolerance of position that controls the location of the pattern of balls with respect to datums A and B.
For each ball there is a cylindrical tolerance zone eee perpendicular to datum C and located on true
position with respect to datums A and B as defined by e. The axis perpendicular to datum C of each ball
must lie within this tolerance zone.
5.
The tolerance of position that controls the location of the balls within the matrix with respect to each other.
For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position
as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone.
Each tolerance zone fff in the array is contained entirely in the respective zone eee above.
The axis of each ball must lie simultaneously in both tolerance zones.
Table 53. LBGA208 mechanical data (continued)
Symbol
mm
inches(1)
Notes
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com