Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560B50x Datasheet(PDF) 106 Page - STMicroelectronics

Part # SPC560B50x
Description  Up to 60 DMIPs operation
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560B50x Datasheet(HTML) 106 Page - STMicroelectronics

Back Button SPC560B50x Datasheet HTML 102Page - STMicroelectronics SPC560B50x Datasheet HTML 103Page - STMicroelectronics SPC560B50x Datasheet HTML 104Page - STMicroelectronics SPC560B50x Datasheet HTML 105Page - STMicroelectronics SPC560B50x Datasheet HTML 106Page - STMicroelectronics SPC560B50x Datasheet HTML 107Page - STMicroelectronics SPC560B50x Datasheet HTML 108Page - STMicroelectronics SPC560B50x Datasheet HTML 109Page - STMicroelectronics SPC560B50x Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 116 page
background image
Ordering information
SPC560B40x/50x, SPC560C40x/50x
106/116
DocID14619 Rev 13
5
Ordering information
Figure 38. Commercial product code structure
1.
LBGA208 available only as development package for Nexus2+
Memory
Conditioning
Core Family
Y = Tray
X = Tape and Reel 90°
4E0 = 48 MHz EEPROM 5V/3V
6E0 = 64 MHz EEPROM 5V/3V
B =
40 to 105 °C
C =
40 to 125 °C
L1 = LQFP64
L3 = LQFP100
L5 = LQFP144
B2 = LBGA2081
50 = 512 KB
44 = 384 KB
40 = 256 KB
B = Body
C = Gateway
0 = e200z0
SPC56 = Power Architecture in
90nm
Temperature
Package
Custom vers.
SPC56
50
Y
0B
C
L3
5E0
Example code:
Product identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com