Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 87 Page - STMicroelectronics

Part # LQFP64
Description  Non-maskable interrupt
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 82Page - STMicroelectronics LQFP64 Datasheet HTML 83Page - STMicroelectronics LQFP64 Datasheet HTML 84Page - STMicroelectronics LQFP64 Datasheet HTML 85Page - STMicroelectronics LQFP64 Datasheet HTML 86Page - STMicroelectronics LQFP64 Datasheet HTML 87Page - STMicroelectronics LQFP64 Datasheet HTML 88Page - STMicroelectronics LQFP64 Datasheet HTML 89Page - STMicroelectronics LQFP64 Datasheet HTML 90Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
SPC560D30x, SPC560D40x
Revision history
Doc ID 16315 Rev 7
87/90
10-Aug-2010
3
(cont.)
Updated the following tables:
– “Voltage regulator electrical characteristics”
– “Low voltage monitor electrical characteristics”
– “Low voltage power domain electrical characteristics”
– “Start-up time/Switch-off time”
– “Fast external crystal oscillator (4 to 16 MHz) electrical
characteristics”
– “FMPLL electrical characteristics”
– “Fast internal RC oscillator (16 MHz) electrical characteristics”
– “ADC conversion characteristics”
– “On-chip peripherals current consumption”
– “DSPI characteristics”
“DSPI characteristics” section: removed “DSPI PCS strobe (PCSS)
timing” figure
Updated “Order codes” table
Added “Order codes for engineering samples” table
Updated “Commercial product code structure” table
16-Sep-2011
4
Formatting and editorial changes throughout
Device comparison table: for the “Total timer I/O eMIOS”, changed
“13 ch” to “14 ch”
SPC560D30/SPC560D40 series block summary:
– added definition for “AUTOSAR” acronym
– changed “System watchdog timer” to “Software watchdog timer”
LQFP64 pin configuration (top view): changed pin 6 from VPP_TEST
to VSS_HV
Added section “Pad configuration during reset phases”
Added section “Voltage supply pins”
Added section “Pad types”
Added section “System pins”
Renamed and updated section “Functional ports” (was previously
section “Pin muxing”); update includes replacing all instances of
WKUP with WKPU (WKPU is the correct abbreviation for Wakeup
Unit)
Section “NVUSRO register”: edited content to separate configuration
into electrical parameters and digital functionality
Added section “NVUSRO[WATCHDOG_EN] field description”
Absolute maximum ratings: Removed “C” column from table
Replaced “TBD” with “—” in TVDD min value cell of 3.3 V and 5 V
recommended operating conditions tables
LQFP thermal characteristics: removed RJB single layer board
conditions; updated footnote 4
I/O input DC electrical characteristics: removed footnote “All values
need to be confirmed during device validation”; updated ILKG
characteristics
Table 51.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com