Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQFP64 Datasheet(PDF) 15 Page - STMicroelectronics

Part # LQFP64
Description  Non-maskable interrupt
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LQFP64 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LQFP64 Datasheet HTML 11Page - STMicroelectronics LQFP64 Datasheet HTML 12Page - STMicroelectronics LQFP64 Datasheet HTML 13Page - STMicroelectronics LQFP64 Datasheet HTML 14Page - STMicroelectronics LQFP64 Datasheet HTML 15Page - STMicroelectronics LQFP64 Datasheet HTML 16Page - STMicroelectronics LQFP64 Datasheet HTML 17Page - STMicroelectronics LQFP64 Datasheet HTML 18Page - STMicroelectronics LQFP64 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 90 page
background image
SPC560D30x, SPC56040Dx
Package pinouts and signal descriptions
Doc ID 16315 Rev 7
15/90
3.4
Pad types
In the device the following types of pads are available for system pins and functional port
pins:
S = Slow(a)
M = Medium(a) (b)
F = Fast(a) (b)
I = Input only with analog feature(a)
J = Input/Output (‘S’ pad) with analog feature
X = Oscillator
3.5
System pins
The system pins are listed in Table 5.
Table 4.
Voltage supply pin descriptions
Port pin
Function
Pin number
LQFP64
LQFP100
VDD_HV
Digital supply voltage
7, 28, 34, 56
15, 37, 52, 70, 84
VSS_HV
Digital ground
6, 8, 26, 33, 55
14, 16, 35, 51, 69,
83
VDD_LV
1.2V decoupling pins. Decoupling capacitor must be
connected between these pins and the nearest VSS_LV
pin.(1)
11, 23, 57
19, 32, 85
VSS_LV
1.2V decoupling pins. Decoupling capacitor must be
connected between these pins and the nearest VDD_LV
pin.(1)
10, 24, 58
18, 33, 86
VDD_BV
Internal regulator supply voltage
12
20
1.
A decoupling capacitor must be placed between each of the three VDD_LV/VSS_LV supply pairs to ensure stable voltage
(see the recommended operating conditions in the device datasheet for details).
a.
See the I/O pad electrical characteristics in the device datasheet for details.
b.
All medium and fast pads are in slow configuration by default at reset and can be configured as fast or medium
(see the PCR[SRC] description in the device reference manual).
Table 5.
System pin descriptions
Port pin
Function
I/O
direction
Pad type
RESET
configuration
Pin number
LQFP64
LQFP100
RESET
Bidirectional reset with Schmitt-Trigger
characteristics and noise filter.
I/O
M
Input, weak
pull-up only
after PHASE2
917



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com