Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 141Page - STMicroelectronics ST10F296 Datasheet HTML 142Page - STMicroelectronics ST10F296 Datasheet HTML 143Page - STMicroelectronics ST10F296 Datasheet HTML 144Page - STMicroelectronics ST10F296 Datasheet HTML 145Page - STMicroelectronics ST10F296 Datasheet HTML 146Page - STMicroelectronics ST10F296 Datasheet HTML 147Page - STMicroelectronics ST10F296 Datasheet HTML 148Page - STMicroelectronics ST10F296 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
145/346
Figure 41.
Port 4 I/O and alternate functions
Figure 42.
Block diagram of Port 4 pins 3 to 0
Port 4
Alternate functions
(a)
(b)
P4.7
P4.6
P4.5
P4.4
P4.3
P4.2
P4.1
P4.0
-
-
-
-
-
-
-
-
A23
A22
A21
A20
A19
A18
A17
A16
-
-
-
-
-
-
-
-
CAN2_TxD / SDA
CAN1_TxD
CAN1_RxD
CAN2_RxD / SCL
A19
A18
A17
A16
-
-
-
-
-
-
-
-
General purpose
Segment address
lines
input/output
CAN/I2C I/O and segment
address lines
Direction
latch
Write DP4.y
Read DP4.y
Port output
latch
Write P4.y
Read P4.y
MUX
0
1
MUX
0
1
Alternate
data
output
MUX
0
1
1
Input
latch
Clock
P4.y
Output
buffer
y = 3 to 0
Alternate
function
enable
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com