Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 138Page - STMicroelectronics ST10F296 Datasheet HTML 139Page - STMicroelectronics ST10F296 Datasheet HTML 140Page - STMicroelectronics ST10F296 Datasheet HTML 141Page - STMicroelectronics ST10F296 Datasheet HTML 142Page - STMicroelectronics ST10F296 Datasheet HTML 143Page - STMicroelectronics ST10F296 Datasheet HTML 144Page - STMicroelectronics ST10F296 Datasheet HTML 145Page - STMicroelectronics ST10F296 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
142/346
Figure 40.
Block diagram of pins P3.15 (CLKOUT) and P3.12 (BHE/WRH)
13.6
Port 4
If this 8-bit port is used for general purpose I/O, the direction of each line can be configured
via the corresponding direction register DP4.
13.6.1
Port 4 registers
P4 register
Only bits 7 to 0 of the P4 register are implemented. All other bits are read as 0.
Direction
latch
Write DP3.x
Read DP3.x
Port output
latch
Write P3.x
Read P3.x
MUX
0
1
MUX
0
1
Alternate
data
output
MUX
0
1
1
Input
latch
Clock
P3.12/BHE
P3.15/CLKOUT
Output
buffer
x = 15, 12
Alternate
function
enable
P4 (FFC8h/E4h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
P4.7 P4.6 P4.5 P4.4 P4.3 P4.2 P4.1 P4.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 81.
P4 register description
Bit
Bit name
Function
7-0
P4.y
Port data register P4 bit y
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com