Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 136Page - STMicroelectronics ST10F296 Datasheet HTML 137Page - STMicroelectronics ST10F296 Datasheet HTML 138Page - STMicroelectronics ST10F296 Datasheet HTML 139Page - STMicroelectronics ST10F296 Datasheet HTML 140Page - STMicroelectronics ST10F296 Datasheet HTML 141Page - STMicroelectronics ST10F296 Datasheet HTML 142Page - STMicroelectronics ST10F296 Datasheet HTML 143Page - STMicroelectronics ST10F296 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Parallel ports
ST10F296E
140/346
Figure 38.
Port 3 I/O and alternate functions
The structure of the Port 3 pins depends on their alternate function (see Figure 39).
When the on-chip peripheral associated with a Port 3 pin is configured to use the alternate
input function, it reads the input latch, which represents the state of the pin, via the line
labeled ‘alternate data input’. Port 3 pins with alternate input functions are: T0IN, T2IN,
T3IN, T4IN, T3EUD and CAPIN.
When the on-chip peripheral associated with a Port 3 pin is configured to use the alternate
output function, its ‘alternate data output’ line is ANDed with the port output latch line. When
using these alternate functions, the user must set the direction of the port line to output
(DP3.y = 1) and the port to output latch (P3.y = 1).If this is not done, the pin is in its high
impedance state (when configured as input) or the pin is stuck at 0 (when the port output
latch is cleared). When the alternate output functions are not used, the ‘alternate data
output’ line is in its inactive state, which is a high level (1). Port 3 pins with alternate output
functions are: T6OUT, T3OUT, TxD0, BHE and CLKOUT.
When the on-chip peripheral associated with a Port 3 pin is configured to use both the
alternate input and output function, the descriptions above apply to the respective current
operating mode. The direction must be set accordingly. Port 3 pins with alternate
input/output functions are: MTSR0, MRST0, RxD0 and SCLK0.
Note:
Enabling the CLKOUT function automatically enables the P3.15 output driver. Setting bit
DP3.15 = 1 is not required.
Port 3
No pin
Alternate functions
(a)
(b)
General purpose
input/output
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P3.15
P3.13
P3.12
P3.11
P3.10
P3.9
P3.8
T2IN
T3IN
T4IN
T3EUD
T3OUT
CAPIN
T6OUT
T0IN
CLKOUT
SCLK0
BHE
RxD0
TxD0
MTSR0
MRST0
WRH
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com