Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 135Page - STMicroelectronics ST10F296 Datasheet HTML 136Page - STMicroelectronics ST10F296 Datasheet HTML 137Page - STMicroelectronics ST10F296 Datasheet HTML 138Page - STMicroelectronics ST10F296 Datasheet HTML 139Page - STMicroelectronics ST10F296 Datasheet HTML 140Page - STMicroelectronics ST10F296 Datasheet HTML 141Page - STMicroelectronics ST10F296 Datasheet HTML 142Page - STMicroelectronics ST10F296 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
139/346
ODP3 register
13.5.2
Alternate functions of Port 3
The pins of Port 3 are used for various functions which include external timer control lines,
the two serial interfaces and the control lines BHE / WRH and CLKOUT.
DP3 (F1C6h/E3h)
ESFR
Reset value: 0000h
15
14
13
12
11
10
987
65432
10
--
OD
P3.13
-
OD
P3.11
OD
P3.10
OD
P3.9
OD
P3.8
OD
P3.7
OD
P3.6
OD
P3.5
OD
P3.4
OD
P3.3
OD
P3.2
OD
P3.1
OD
P3.0
-RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Table 79.
ODP3 register description
Bit
Bit name
Function
13, 11-0
ODP3.y
Port open-drain control register ODP3 bit y
0: Port line P3.y output driver in push-pull mode
1: Port line P3.y output driver in open-drain mode
Table 80.
Port 3 alternative functions
Port 3
pin
Alternate function
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
P3.14
P3.15
T0IN
T6OUT
CAPIN
T3OUT
T3EUD
T4IN
T3IN
T2IN
MRST0
MTSR0
TxD0
RxD0
BHE/WRH
SCLK0
---
CLKOUT
CAPCOM1 timer 0 count input
Timer 6 toggle output
GPT2 capture input
Timer 3 toggle output
Timer 3 external up/down input
Timer 4 count input
Timer 3 count input
Timer 2 count input
SSC master receive/slave transmit
SSC master transmit/slave receive
ASC0 transmit data output
ASC0 receive data input (/output in synchronous mode)
Byte high enable/write high output
SSC shift clock input/output
No pin assigned
System clock output (either prescaled or not through register XCLKOUTDIV)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com