Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 139Page - STMicroelectronics ST10F296 Datasheet HTML 140Page - STMicroelectronics ST10F296 Datasheet HTML 141Page - STMicroelectronics ST10F296 Datasheet HTML 142Page - STMicroelectronics ST10F296 Datasheet HTML 143Page - STMicroelectronics ST10F296 Datasheet HTML 144Page - STMicroelectronics ST10F296 Datasheet HTML 145Page - STMicroelectronics ST10F296 Datasheet HTML 146Page - STMicroelectronics ST10F296 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Parallel ports
143/346
DP4 register
Only bits 7 to 0 of the DP4 register are implemented. All other bits are read as 0.
ODP4 register
Only bits 7 to 4 of the ODP4 register are implemented. All other bits are read as 0.
Note:
When I2C is enabled by setting the XPEN and XI2CEN bits of the SYSCON and XPERCON
registers respectively, pins P4.4 and P4.7 become fully dedicated to the I2C interface. All
alternate functions are bypassed (external memory and CAN2 functions). The pins are also
automatically configured as open-drain as requested by the I2C bus standard. The Port 4
control registers P4, DP4 , and ODP4 can no longer control pins P4.7 and P4.4, as writing in
the bits corresponding to P4.4 and P4.7 of these registers has no effect on pin behavior.
DP4 (FFCAh/E5h)
SFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
DP4
.7
DP4
.6
DP4
.5
DP4
.4
DP4
.3
DP4
.2
DP4
.1
DP4
.0
---
-----
RW
RW
RW
RW
RW
RW
RW
RW
Table 82.
DP4 register description
Bit
Bit name
Function
7-0
DP4.y
Port direction register DP4 bit y
0: Port line P4.y is an input (high impedance)
1: Port line P4.y is an output
ODP4 (F1CAh/E5h)
ESFR
Reset value: --00h
15
14
13
12
11
10
987
65432
10
---
-----
OD
P4.7
OD
P4.6
OD
P4.5
OD
P4.4
-
---
---
-----
RW
RW
RW
RW
-
-
-
-
Table 83.
ODP4 register description
Bit
Bit name
Function
7-4
ODP4.y
Port open-drain control register ODP4 bit y
0: Port line P4.y output driver in push-pull mode
1: Port line P4.y output driver in open-drain mode if P4.y is not a
segment address line output
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com