Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 189 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 189 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 185Page - STMicroelectronics ST10F296 Datasheet HTML 186Page - STMicroelectronics ST10F296 Datasheet HTML 187Page - STMicroelectronics ST10F296 Datasheet HTML 188Page - STMicroelectronics ST10F296 Datasheet HTML 189Page - STMicroelectronics ST10F296 Datasheet HTML 190Page - STMicroelectronics ST10F296 Datasheet HTML 191Page - STMicroelectronics ST10F296 Datasheet HTML 192Page - STMicroelectronics ST10F296 Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Serial channels
189/346
15.3.1
Baud rate generation
The baud rate generator is clocked by fCPU/2. The timer counts downwards and can be
started or stopped through the global enable bit SSCEN in the SSCCON0 register. The
SSCBR0 is a dual-function register for baud rate generation and reloading. Reading
SSCBR0, while the SSC0 is enabled, returns the content of the timer. Reading SSCBR0,
while the SSC0 is disabled, returns the programmed reload value. In this mode the desired
reload value can be written to SSCBR0.
Note:
Never write to SSCBR0 while the SSC0 is enabled
The formulae below calculate the resulting baud rate for a given reload value and the
required reload value for a given baud rate:
Where (SSCBR) represents the content of the reload register, taken as an unsigned 16-bit
integer. Table 122 and Table 123 list some possible baud rates against the required reload
values and the resulting bit times for 40 MHz and 64 MHz CPU clock respectively. Maximum
baud rate is limited to 8 Mbaud.
Table 122.
Synchronous baud rate and reload values (fCPU = 40 MHz)
Baud rate
Bit time
Reload value
Reserved
-
0000h
Can be used only with fCPU = 32 MHz (or lower)
-
0001h
6.6 Mbaud
150 ns
0002h
5 Mbaud
200 ns
0003h
2.5 Mbaud
400 ns
0007h
1 Mbaud
1 µs
0013h
100 Kbaud
10 µs
00C7h
10 Kbaud
100 µs
07CFh
1 Kbaud
1 ms
4E1Fh
306 baud
3.26 ms
FF4Eh
Baudrate
SSC
f
CPU
2
SSCBR
() 1
+
[]
×
⁄
=
SSCBR
f
CPU
2
⁄
Baudrate
SSC
×
() 1
–
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com