Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 191 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 191 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 187Page - STMicroelectronics ST10F296 Datasheet HTML 188Page - STMicroelectronics ST10F296 Datasheet HTML 189Page - STMicroelectronics ST10F296 Datasheet HTML 190Page - STMicroelectronics ST10F296 Datasheet HTML 191Page - STMicroelectronics ST10F296 Datasheet HTML 192Page - STMicroelectronics ST10F296 Datasheet HTML 193Page - STMicroelectronics ST10F296 Datasheet HTML 194Page - STMicroelectronics ST10F296 Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
I2C interface
191/346
16
I2C interface
The integrated I2C bus module handles the transmission and reception of frames over the
two-line SDA/SCL in accordance with the I2C bus specification. The I2C module can operate
in slave mode, in master mode or in multi-master mode. It can receive and transmit data
using 7-bit or 10-bit addressing. Data can be transferred at speeds up to 400 kbit/sec (both
standard and fast I2C bus modes are supported).
The module can generate three different types of interrupt:
●
Requests related to bus events, such as start or stop events, arbitration lost, etc.
●
Requests related to data transmission
●
Requests related to data reception
These requests are issued to the interrupt controller by three different lines, and identified as
error, transmit, and receive interrupt lines.
When the I2C module is enabled by setting the XI2CEN bit in the XPERCON register, pins
P4.4 and P4.7 (SCL and SDA respectively mapped as alternate functions) are automatically
configured as bidirectional open-drain. The value of the external pull-up resistor depends on
the application. P4, DP4 and ODP4 cannot influence the pin configuration.
When the I2C cell is disabled (clearing the XI2CEN bit), pins P4.4 and P4.7 are standard I/O
controlled by P4, DP4 and ODP4.
16.1
I2C bus speed selection
The speed of the I2C interface may be selected between standard mode (0-100 kHz) and
fast I2C mode (100-400 kHz). The selection is provided through the FM/SM bit in the clock
control register 1 (CCR1).
Once bus mode is selected, the frequency of the serial clock line can be defined by setting
prescaler bits CC0 to CC11 (CCR1 and CCR2). Different formulae are used according to the
mode selected:
●
Standard mode (FM/SM = 0): FSCL ≤100 kHz
●
Fast mode (FM/SM = 1): FSCL > 100 kHz
F
SCL
F
CPU
2
CC11
…CC0
[] 7
+
×
()
⁄
=
F
SCL
F
CPU
3
CC11
…CC0
[] 9
+
×
()
⁄
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com