Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 188Page - STMicroelectronics ST10F296 Datasheet HTML 189Page - STMicroelectronics ST10F296 Datasheet HTML 190Page - STMicroelectronics ST10F296 Datasheet HTML 191Page - STMicroelectronics ST10F296 Datasheet HTML 192Page - STMicroelectronics ST10F296 Datasheet HTML 193Page - STMicroelectronics ST10F296 Datasheet HTML 194Page - STMicroelectronics ST10F296 Datasheet HTML 195Page - STMicroelectronics ST10F296 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CAN modules
ST10F296E
192/346
17
CAN modules
The two integrated CAN modules (CAN1 and CAN2) are identical and handle the
autonomous transmission and reception of CAN frames according to the CAN specification
V2.0 part B (active). It is based on the C-CAN specification.
Each on-chip CAN module can receive and transmit standard frames with 11-bit identifiers
and extended frames with 29-bit identifiers.
Because of duplication of the CAN controllers, the following adjustments must be
considered:
●
Use the same internal register addresses for both CAN controllers, but, with base
addresses differing in address bit A8. Also, use a separate chip select for each CAN
module. Refer to Section 4: Memory organization on page 33.
●
The CAN1 transmit line (CAN1_TxD) is the alternate function of the Port P4.6 pin and
the receive line (CAN1_RxD) is the alternate function of the Port P4.5 pin.
●
The CAN2 transmit line (CAN2_TxD) is the alternate function of the Port P4.7 pin and
the receive line (CAN2_RxD) is the alternate function of the Port P4.4 pin.
●
The interrupt request lines of the CAN1 and CAN2 modules are connected to the XBus
interrupt lines with other XPeripherals sharing the four vectors.
●
The CAN modules must be selected with the CANxEN bit of the XPERCON register
before the XPEN bit of the SYSCON register is set.
●
The reset default configuration is: CAN1 enabled, CAN2 disabled.
17.1
CAN module memory mapping
17.1.1
CAN1
Address range 00’EF00h - 00’EFFFh is reserved for CAN1 module access. CAN1 is
enabled by setting the XPEN bit of the SYSCON register and by setting bit 0 of the
XPERCON register. Accesses to the CAN module use demultiplexed addresses and a 16-
bit data bus (byte accesses are possible). Two wait states give an access time of 62.5 ns at
64 MHz CPU clock. No tri-state wait states are used.
17.1.2
CAN2
Address range 00’EE00h - 00’EEFFh is reserved for CAN2 module access. CAN2 is
enabled by setting the XPEN bit of the SYSCON register and by setting bit 1 of the
XPERCON register. Accesses to the CAN module use demultiplexed addresses and a 16-
bit data bus (byte accesses are possible). Two wait states give an access time of 62.5 ns at
64 MHz CPU clock. No tri-state wait states are used.
Note:
If one or both CAN modules is used, Port 4 cannot be programmed to output all eight
segment address lines. Thus, only four segment address lines can be used, reducing the
external memory space to 5 Mbytes (1 Mbyte per CS line).
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com