Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 294 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 294 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 290Page - STMicroelectronics ST10F296 Datasheet HTML 291Page - STMicroelectronics ST10F296 Datasheet HTML 292Page - STMicroelectronics ST10F296 Datasheet HTML 293Page - STMicroelectronics ST10F296 Datasheet HTML 294Page - STMicroelectronics ST10F296 Datasheet HTML 295Page - STMicroelectronics ST10F296 Datasheet HTML 296Page - STMicroelectronics ST10F296 Datasheet HTML 297Page - STMicroelectronics ST10F296 Datasheet HTML 298Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
294/346
Solving Equation 22 and Equation 23 gives Equation 24:
Equation 24
Where:
K is a constant for the particular part, which may be determined from Equation 24 by
measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ
may be obtained by solving Equation 22 and Equation 23 iteratively for any value of TA.
Based on thermal characteristics of the package and with reference to the power
consumption values provided in Table 163: DC characteristics and Figure 97: Supply current
versus the operating frequency (run and idle modes)), the product classification in Table 162
is suggested. The exact power consumption of the device inside the application must be
computed according to different working conditions, thermal profiles, real thermal resistance
of the system (including the printed circuit board or other substrata), I/O activity, and so on.
24.4
Parameter interpretation
The parameters listed in Table 163: DC characteristics represent characteristics of the
ST10F296E and its demands on the system.
Where the ST10F296E logic provides signals with their respective timing characteristics, the
symbol for controller characteristics (CC) is included in the ‘Symbol’ column. Where the
external system must provide signals with their respective timing characteristics to the
ST10F296E, the symbol for system requirement (SR) is included in the ‘Symbol’ column.
Table 161.
Thermal characteristics
Symbol
Description
Value (typical)
Unit
ΘJA
Thermal resistance junction-ambient
PBGA 208 package (23 x 23 x 1.96 mm)
30
° C/W
Table 162.
Package characteristics
Package
Ambient temperature range
CPU frequency range
PBGA 208
-40 to 125 °C
1 to 64 MHz
KP
D
T
A
273
° C
+
() Θ
JA
+
×
P
D
2
×
=
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com