Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296 Datasheet(PDF) 298 Page - STMicroelectronics

Part # ST10F296
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296 Datasheet(HTML) 298 Page - STMicroelectronics

Back Button ST10F296 Datasheet HTML 294Page - STMicroelectronics ST10F296 Datasheet HTML 295Page - STMicroelectronics ST10F296 Datasheet HTML 296Page - STMicroelectronics ST10F296 Datasheet HTML 297Page - STMicroelectronics ST10F296 Datasheet HTML 298Page - STMicroelectronics ST10F296 Datasheet HTML 299Page - STMicroelectronics ST10F296 Datasheet HTML 300Page - STMicroelectronics ST10F296 Datasheet HTML 301Page - STMicroelectronics ST10F296 Datasheet HTML 302Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 298 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
298/346
Figure 96.
Port 2 test mode structure
1.
For the complete structure of Port 2, see Figure 37 in Section 13.4
9.
The power supply current is a function of the operating frequency (fCPU is expressed in MHz). This
dependency is illustrated in Figure 97 below. This parameter is tested at VDDmax and at maximum CPU
clock frequency with all outputs disconnected, all inputs at VIL or VIH, and RSTIN pin at VIH1min: This
implies that I/O current is not considered. The device does the following:
- Fetches code from IRAM and XRAM1, read and write accesses both XRAM modules
- Enables watchdog timer and services it regularly
- RTC runs with main oscillator clock as reference, generating a tick interrupt every 192 clock cycles
- Four XPWM channels run (wave periods: 2, 2.5, 3, and 4 CPU clock cycles): No output toggling
- Five general purpose timers run in timer mode with prescaler equal to 8 (T2, T3, T4, T5, and T6)
- ADC is in auto scan continuous conversion mode on all 16 channels of Port 5
- All interrupts generated by XPWM, RTC, timers and ADC are not serviced
10. The idle mode supply current is a function of the operating frequency (fCPU is expressed in MHz). This
dependency is illustrated in Figure 97 below. These parameters are tested at maximum CPU clock with all
outputs disconnected, all inputs at VIL or VIH, and the RSTIN pin at VIH1min.
11. Testing of this parameter includes leakage currents. All inputs (including pins configured as inputs) are at 0
to 0.1 V or at VDD - 0.1 V to VDD, VAREF = 0 V, all outputs (including pins configured as outputs) are
disconnected. The main voltage regulator is assumed to be off. If this is not the case, an additional 1 mA
must be assumed.
Input
latch
Clock
P2.0
CC0IO
Output
buffer
Test mode
Alternate data input
Fast external interrupt input
Flash sense amplifier
and column decoder
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com